Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 436Page - Renesas Technology Corp M32C/86T Datasheet HTML 437Page - Renesas Technology Corp M32C/86T Datasheet HTML 438Page - Renesas Technology Corp M32C/86T Datasheet HTML 439Page - Renesas Technology Corp M32C/86T Datasheet HTML 440Page - Renesas Technology Corp M32C/86T Datasheet HTML 441Page - Renesas Technology Corp M32C/86T Datasheet HTML 442Page - Renesas Technology Corp M32C/86T Datasheet HTML 443Page - Renesas Technology Corp M32C/86T Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 505 page
background image
Page 417
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 25.7 Pin Description (Flash Memory Standard Serial I/O Mode)
Symbol
Function
I/O
Function
VCC
Power supply
I
Apply the guaranteed program/erase supply voltage to the VCC pin.
VSS
input
Apply 0 V to the VSS pin
CNVSS
CNVSS
I
Connect this pin to VCC
_______
RESET
Reset input
I
Reset input pin. Apply 20 or more clock cycles to the XIN pin while an "L"
____________
signal is applied to the RESET pin
XIN
Clock input
I
Connect a ceramic resonator or crystal oscillator between XIN and XOUT
XOUT
Clock output
O
To use the external clock, input the clock from XIN and leave XOUT open
BYTE
BYTE input
I
Connect this pin to VSS or VCC
AVCC
Analog power
I
Connect AVCC to VCC
AVSS
supply input
Connect AVSS to VSS
VREF
Reference
I
Reference voltage input pin for the A/D converter
voltage input
P00 to P07
Input port P0
I
Apply an "H" or "L" signal to this pin, or leave open
P10 to P17
Input port P1
I
Apply an "H" or "L" signal to this pin, or leave open
P20 to P27
Input port P2
I
Apply an "H" or "L" signal to this pin, or leave open
P30 to P37
Input port P3
I
Apply an "H" or "L" signal to this pin, or leave open
P40 to P47
Input port P4
I
Apply an "H" or "L" siganlto this pin, or leave open
P50
___
CE input
I
Apply "H" to this pin
P55
_____
EPM input
I
Apply "L" to this pin
P51 to P54
Input port P5
I
Apply "H" or "L" to this pin, or leave open
P56, P57
P60 to P63
Input port P6
I
Apply an "H" or "L" signal to this pin, or leave open
P64
BUSY output
O
Standard serial I/O mode 1: BUSY signal output pin
Standard serial I/O mode 2: Program running verify monitor
Standard serial I/O mode 3: Leave open
P65
SCLK input
I
Standard serial I/O mode 1: Serial clock input pin
Standard serial I/O mode 2, 3: Apply "L" to this pin
P66
RxD
I
Standard serial I/O mode 1, 2: Serial data input pin
Data input
Standard serial I/O mode 3: Apply "H" to this pin
P67
TxD
O
Standard serial I/O mode 1, 2: Serial data output pin
Data output
Standard serial I/O mode 3: Leave open
P70 to P75
Input port P7
I
Apply "H" or "L" to this pin, or leave open
P76
CAN output
O
Standard serial I/O mode 1, 2: Apply an "H" or "L" signal to this pin, or leave open
Standard serial I/O mode 3: CAN output pin
P77
CAN input
I
Standard serial I/O mode 1, 2: Apply an "H" or "L" signal to this pin, or leave open
Standard serial I/O mode 3: CAN input pin
P80 to P84
Input port P8
I
Apply an "H" or "L" signal to this pin, or leave open
P86, P87
P85
____
NMI input
I
Connect this pin to VCC
P90 to P97
Input port P9
I
Apply an "H" or "L" signal to this pin, or leave open
P100 to P107 Input port P10
I
Apply an "H" or "L" signal to this pin, or leave open
P110 to P114 Input port P11
I
Apply an "H" or "L" signal to this pin, or leave open
P120 to P127 Input port P12
I
Apply an "H" or "L" signal to this pin, or leave open
P130 to P137 Input port P13
I
Apply an "H" or "L" signal to this pin, or leave open
P140 to P146 Input port P14
I
Apply an "H" or "L" signal to this pin, or leave open
P150 to P157 Input port P15
I
Apply an "H" or "L" signal to this pin, or leave open
I : Input
O : Output
I/O : Input and output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com