Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 439Page - Renesas Technology Corp M32C/86T Datasheet HTML 440Page - Renesas Technology Corp M32C/86T Datasheet HTML 441Page - Renesas Technology Corp M32C/86T Datasheet HTML 442Page - Renesas Technology Corp M32C/86T Datasheet HTML 443Page - Renesas Technology Corp M32C/86T Datasheet HTML 444Page - Renesas Technology Corp M32C/86T Datasheet HTML 445Page - Renesas Technology Corp M32C/86T Datasheet HTML 446Page - Renesas Technology Corp M32C/86T Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 505 page
background image
Page 420
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Monitor Output
Data Input
Data Output
BUSY
SCLK
TxD
CNVss
P50(CE)
P55(EPM)
NMI
RxD
Microcomputer
NOTES:
1. In this example, a selector controls the voltage applied to the CNVSS pin to switch between
in single-chip mode and in standard serial I/O mode.
VCC
VCC
VCC
Figure 25.16 Circuit Application in Standard Serial I/O Mode 2
Figure 25.17 Circuit Application in Standard Serial I/O Mode 3
CAN_H
CAN_L
P77(CANIN)
CNVss
P50(CE)
P55(EPM)
NMI
RESET
Microcomputer
CAN_H
CAN_L
CAN Transceiver
P76(CANOUT)
P65(SCLK)
Reset Input
User Reset
Signal
NOTES:
1. Control pins and external circuitry vary with the serial programmer. Refer to the user's manual
included with the serial programmer.
2. In this example, a selector controls the voltage applied to the CNVSS pin to switch between in
single-chip mode and in standard serial I/O mode.
P66(RxD)
VCC
VCC
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com