Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 448Page - Renesas Technology Corp M32C/86T Datasheet HTML 449Page - Renesas Technology Corp M32C/86T Datasheet HTML 450Page - Renesas Technology Corp M32C/86T Datasheet HTML 451Page - Renesas Technology Corp M32C/86T Datasheet HTML 452Page - Renesas Technology Corp M32C/86T Datasheet HTML 453Page - Renesas Technology Corp M32C/86T Datasheet HTML 454Page - Renesas Technology Corp M32C/86T Datasheet HTML 455Page - Renesas Technology Corp M32C/86T Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 505 page
background image
Page 429
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
26. Electrical Characteristics (M32C/86)
VCC=5V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
4
t
e
d
Ve
g
a
t
l
o
V
n
o
i
t
c
e
t
e
D
e
g
a
t
l
o
V
w
o
L
)
1
(
V C
C
V
5
.
5
o
t
2
.
4
=
8
.
3V
3
t
e
d
Ve
g
a
t
l
o
V
n
o
i
t
c
e
t
e
D
e
c
a
p
S
t
e
s
e
R
)
1
(
0
.
3V
s
3
t
e
d
Ve
g
a
t
l
o
V
d
l
o
H
t
e
s
e
R
e
g
a
t
l
o
V
w
o
L
0
.
2V
r
3
t
e
d
V
e
g
a
t
l
o
V
e
s
a
e
l
e
R
t
e
s
e
R
e
g
a
t
l
o
V
w
o
L
)
2
(
1
.
3V
:
S
E
T
O
N
3
t
e
d
V
>
4
t
e
d
V
.
1
.
d
e
e
t
n
a
r
a
u
g
t
o
n
s
i
3
t
e
d
V
>
r
3
t
e
d
V
.
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
)
R
-
P
(
d
t
n
e
h
w
e
g
a
t
l
o
V
y
l
p
p
u
S
l
a
n
r
e
t
n
I
e
z
il
i
b
a
t
S
o
t
e
m
i
T
t
i
a
W
n
o
-
r
e
w
o
P
V C
C
V
5
.
5
o
t
2
.
4
=2
s
m
)
R
-
S
(
d
tt
e
s
e
R
n
o
i
t
c
e
t
e
D
t
u
o
-
n
w
o
r
B
e
s
a
e
l
e
R
o
t
e
m
i
T
t
i
a
WV C
C
V
5
.
5
o
t
r
3
t
e
d
V
=6 )
1
(
0
2s
m
)
A
-
E
(
d
t
t
i
u
c
r
i
C
n
o
i
t
c
e
t
e
D
e
g
a
t
l
o
V
w
o
L
r
o
f
e
m
i
T
p
u
-
t
r
a
t
S
n
o
i
t
a
r
e
p
O
V C
C
V
5
.
5
o
t
2
.
4
=0
2
µs
:
S
E
T
O
N
V
.
1
C
C
V
5
=
td(P-R)
VCC
CPU Clock
td(P-R)
Wait Time to Stabilize Internal
Supply Voltage when Power-on
td(S-R)
Vdet3r
VCC
CPU Clock
td(S-R)
Wait Time to Release
Brown-out Detection Reset
(Hardware Reset 2)
VC26, VC27
td(E-A)
td(E-A)
Start-up Time for Low Voltage
Detection Circuit Operation
Stop
Operating
Recommanded
Operating Voltage
Low Voltage
Detection Circuit
Table 26.7 Voltage Detection Circuit Electrical Characteristics (VCC=4.2 V to 5.5 V, Vss=0 V at
Topr=25oC unless otherwise specified)
Table 26.8 Power Supply Timing
Figure 26.1 Power Supply Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com