Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 449Page - Renesas Technology Corp M32C/86T Datasheet HTML 450Page - Renesas Technology Corp M32C/86T Datasheet HTML 451Page - Renesas Technology Corp M32C/86T Datasheet HTML 452Page - Renesas Technology Corp M32C/86T Datasheet HTML 453Page - Renesas Technology Corp M32C/86T Datasheet HTML 454Page - Renesas Technology Corp M32C/86T Datasheet HTML 455Page - Renesas Technology Corp M32C/86T Datasheet HTML 456Page - Renesas Technology Corp M32C/86T Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 505 page
background image
Page 430
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
26. Electrical Characteristics (M32C/86)
VCC=5V
tac1(RD – DB) = f(BCLK) X 2 – 35
10 X m
9
[ns] (if external bus cycle is a
φ + bφ, m=(bx2)+1)
tac2(AD – DB) =
f(BCLK) X 2
– 35
10 X p
9
[ns] (if external bus cycle is a
φ + bφ, p={(a+b-1)x2}+1)
– 35
10 X n
9
[ns] (if external bus cycle is a
φ + bφ, n=a+b)
f(BCLK)
tac1(AD – DB) =
tac2(RD – DB) =
f(BCLK) X 2
– 35
10 X m
9
[ns] (if external bus cycle is a
φ + bφ, m=(bx2)-1)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
x
a
M
1
c
a
t
)
B
D
-
D
R
(
)
d
r
a
d
n
a
t
s
D
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
1
c
a
t
)
B
D
-
D
A
(
)
d
r
a
d
n
a
t
s
S
C
,
d
r
a
d
n
a
t
s
D
A
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
2
c
a
t
)
B
D
-
D
R
(
)
s
u
b
d
r
x
e
l
p
i
t
l
u
m
e
h
t
h
t
i
w
e
c
a
p
s
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
D
R
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
2
c
a
t
)
B
D
-
D
A
(
)
s
u
b
d
e
x
e
l
p
i
t
l
u
m
e
h
t
h
t
i
w
e
c
a
p
s
a
g
n
i
s
s
e
c
c
a
n
e
h
w
,
d
r
a
d
n
a
t
s
D
A
(
e
m
i
T
s
s
e
c
c
A
t
u
p
n
I
a
t
a
D
)
1
e
t
o
N
(s
n
u
s
t
)
K
L
C
B
-
B
D
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
a
t
a
D
6
2s
n
u
s
t
)
K
L
C
B
-
Y
D
R
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
Y
D
R
6
2s
n
u
s
t
)
K
L
C
B
-
D
L
O
H
(
e
m
i
T
p
u
t
e
S
t
u
p
n
I
D
L
O
H
0
3s
n
h
t
)
B
D
-
D
R
(
e
m
i
T
d
l
o
H
t
u
p
n
I
a
t
a
D
0s
n
h
t
)
Y
D
R
-
K
L
C
B
(
e
m
i
T
d
l
o
H
t
u
p
n
I
Y
D
R
0s
n
h
t
)
D
L
O
H
-
K
L
C
B
(
e
m
i
T
d
l
o
H
t
u
p
n
I
D
L
O
H
0s
n
d
t
)
A
D
L
H
-
K
L
C
B
(
e
m
i
T
y
a
l
e
D
t
u
p
t
u
O
A
D
L
H
5
2s
n
:
S
E
T
O
N
a
t
r
e
s
n
I
.
s
e
l
c
y
c
s
u
b
l
a
n
r
e
t
x
e
d
n
a
y
c
n
c
e
u
q
e
r
f
K
L
C
B
o
t
g
n
i
d
r
o
c
c
a
,
s
n
o
i
t
a
u
q
e
g
n
i
w
o
ll
o
f
e
h
t
m
o
r
f
d
e
n
i
a
t
b
o
e
b
n
a
c
s
e
u
l
a
V
.
1
(
f
,
y
c
n
e
u
q
e
r
f
n
o
i
t
a
r
e
p
o
e
h
t
r
e
w
o
l
r
o
e
t
a
t
s
t
i
a
w
K
L
C
B
.
e
v
i
t
a
g
e
n
s
i
e
u
l
a
v
d
e
t
a
l
u
c
l
a
c
e
h
t
f
i
,
)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
x
a
M
c
te
m
i
T
e
l
c
y
C
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
2
.
1
3s
n
w
t
)
H
(
h
t
d
i
W
)
"
H
"
(
h
g
i
H
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
7
.
3
1s
n
w
t
)
L
(
h
t
d
i
W
)
"
L
"
(
w
o
L
t
u
p
n
I
k
c
o
l
C
l
a
n
r
e
t
x
E
5
7
.
3
1s
n
r
te
m
i
T
e
s
i
R
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
f
te
m
i
T
ll
a
F
k
c
o
l
C
l
a
n
r
e
t
x
E
5s
n
Timing Requirements
(VCC=4.2 V to 5.5 V, VSS=0 V at Topr=–20 to 85oC unless otherwise specified)
Table 26.9 External Clock Input
Table 26.10 Memory Expansion Mode and Microprocessor Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com