Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 489Page - Renesas Technology Corp M32C/86T Datasheet HTML 490Page - Renesas Technology Corp M32C/86T Datasheet HTML 491Page - Renesas Technology Corp M32C/86T Datasheet HTML 492Page - Renesas Technology Corp M32C/86T Datasheet HTML 493Page - Renesas Technology Corp M32C/86T Datasheet HTML 494Page - Renesas Technology Corp M32C/86T Datasheet HTML 495Page - Renesas Technology Corp M32C/86T Datasheet HTML 496Page - Renesas Technology Corp M32C/86T Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 505 page
background image
Page 470
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
• AVCC = VREF = VCC, A/D input voltage (for AN0 to AN7, AN00 to AN07, AN20 to AN27, AN150 to AN157,
ANEX0, and ANEX1)
≤ VCC.
• Wrong values are stored in the AD0i register (i=0 to 7) if the CPU reads the AD0i register while the AD0i
register stores results from a completed A/D conversion. This occurs when the CPU clock is set to a
divided main clock or a sub clock.
In one-shot mode or single sweep mode, read the corresponding AD0i register after verifying that the A/D
conversion has been completed. The IR bit in the AD0IC register determines the completion of the A/D
conversion.
In repeat mode, repeat sweep mode 0, repeat sweep mode 1, multi-port single sweep mode, and multi-
port repeat sweep mode 0, use an undivided main clock as the CPU clock.
• Conversion results of the A/D converter are indeterminate if the ADST bit in the AD0CON0 register is set
to "0" (A/D conversion stopped) and the conversion is forcibly terminated by program during the A/D
conversion. The AD0i register not performing the A/D conversion may also be indeterminate.
If the ADST bit is changed to "0" by program, during the A/D conversion, do not use any values obtained
from the AD0i registers.
• External triggers cannot be used in DMAC operating mode. Do not read the AD00 register by program.
• Do not perform the A/D conversion in wait mode.
• Set the MCD4 to MCD0 bits in the MCD register to "100102" (no division) if using the sample and hold
function.
• Do not acknowledge any interrupt requests, even if generated, before setting the ADST bit, if the A/D
conversion is terminated by setting the ADST bit in the AD0CON0 register to "0" (A/D conversion
stopped) while the microcomputer is A/D converting in single sweep mode.
27. Precautions (A/D Converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com