Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 491Page - Renesas Technology Corp M32C/86T Datasheet HTML 492Page - Renesas Technology Corp M32C/86T Datasheet HTML 493Page - Renesas Technology Corp M32C/86T Datasheet HTML 494Page - Renesas Technology Corp M32C/86T Datasheet HTML 495Page - Renesas Technology Corp M32C/86T Datasheet HTML 496Page - Renesas Technology Corp M32C/86T Datasheet HTML 497Page - Renesas Technology Corp M32C/86T Datasheet HTML 498Page - Renesas Technology Corp M32C/86T Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 505 page
background image
Page 472
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.13 Programmable I/O Ports
• Because ports P72 to P75, P80, and P81 have three-phase PWM output forced cutoff function, they are
_______
affected by the three-phase motor control timer function and the NMI pin when these ports are set for
output functions (port output, timer output, three-phase PWM output, serial I/O output, intelligent I/O
output).
_______
Table 27.4 shows the INVC0 register setting, the NMI pin input level and the state of output ports.
_______
Table 27.4 INVC0 Register and the NMI Pin
27. Precautions (Programmable I/O Ports)
NOTES :
_______
1. The INV03 bit is set to "0" after a low-level ("L") signal is applied to the NMI pin.
• The availability of pull-up resistors is indeterminate until internal power voltage stabilizes, if the RESET
pin is held "L".
• The input threshold voltage varies between programmable I/O ports and peripheral functions. There-
fore, if the lelvel of the voltage applied to a pin shared by both programmable I/O ports and peripheral
functions is not within the recommended operating condition, VIH and VIL (neither "H" nor "L"), the level
may vary depending on the programmable ports and peripheral functions.
r
e
t
s
i
g
e
R
0
C
V
N
I
e
h
t
f
o
e
u
l
a
V
g
n
i
t
t
e
S
d
e
il
p
p
A
l
e
v
e
l
l
a
n
g
i
S
n
i
P
I
M
N
e
h
t
o
t
7
P 2
7
P
o
t
,
5
8
P 0
8
P
,
1
s
e
t
a
t
S
n
i
P
)
s
n
i
P
t
u
p
t
u
O
s
a
m
e
h
T
g
n
i
t
t
e
S
n
e
h
W
(
t
i
B
2
0
V
N
It
i
B
3
0
V
N
I
0
e
s
a
h
P
-
e
e
r
h
T
e
h
t
g
n
i
s
U
t
o
N
(
r
e
m
i
T
l
o
r
t
n
o
C
r
o
t
o
M
)
s
n
o
it
c
n
u
F
--
e
h
t
y
b
d
e
t
c
e
l
e
s
s
n
o
i
t
c
n
u
f
s
e
d
i
v
o
r
P
2
L
S
P
,
2
S
P
,
C
S
P
,
1
L
S
P
,
1
S
P
s
r
e
t
s
i
g
e
r
1
e
s
a
h
P
-
e
e
r
h
T
e
h
t
g
n
i
s
U
(
r
e
m
i
T
l
o
r
t
n
o
C
r
o
t
o
M
)
s
n
o
i
t
c
n
u
F
0
(l
o
r
t
n
o
C
r
o
t
o
M
e
s
a
h
P
-
e
e
r
h
T
d
e
l
b
a
s
i
D
t
u
p
t
u
O
r
e
m
i
T)
-e
t
a
t
s
e
c
n
a
d
e
p
m
i
-
h
g
i
H
1
(l
o
r
t
n
o
C
r
o
t
o
M
e
s
a
h
P
-
e
e
r
h
T
d
e
l
b
a
n
E
t
u
p
t
u
O
r
e
m
i
T) )
1
(
He
h
t
y
b
d
e
t
c
e
l
e
s
s
n
o
i
t
c
n
u
f
s
e
d
i
v
o
r
P
2
L
S
P
,
2
S
P
,
C
S
P
,
1
L
S
P
,
1
S
P
s
r
e
t
s
i
g
e
r
L
)
d
e
t
a
n
i
m
r
e
T
y
l
b
i
c
r
o
F
(
e
t
a
t
s
e
c
n
a
d
e
p
m
i
-
h
g
i
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com