Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 123Page - Renesas Technology Corp M32C/86T Datasheet HTML 124Page - Renesas Technology Corp M32C/86T Datasheet HTML 125Page - Renesas Technology Corp M32C/86T Datasheet HTML 126Page - Renesas Technology Corp M32C/86T Datasheet HTML 127Page - Renesas Technology Corp M32C/86T Datasheet HTML 128Page - Renesas Technology Corp M32C/86T Datasheet HTML 129Page - Renesas Technology Corp M32C/86T Datasheet HTML 130Page - Renesas Technology Corp M32C/86T Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 505 page
background image
Page 104
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.6 Interrupt Request Acknowledgement
Software interrupts and special interrupts occur when conditions to generate an interrupt are met.
The peripheral function interrupts are acknowledged when all conditions below are met.
• I flag
= "1"
• IR bit
= "1"
• ILVL2 to ILVL0 bits
> IPL
The I flag, IPL, IR bit and ILVL2 to ILVL0 bits are independent of each other. The I flag and IPL are in the
FLG register. The IR bit and ILVL2 to ILVL0 bits are in the interrupt control register.
11.6.1 I Flag and IPL
The I flag enables or disables maskable interrupts. When the I flag is set to "1" (enable), all maskable
interrupts are enabled; when the I flag is set to "0" (disable), they are disabled. The I flag is automatically
set to "0" after reset.
IPL, consisting of three bits, indicates the interrupt priority level from level 0 to level 7.
If a requested interrupt has higher priority level than indicated by IPL, the interrupt is acknowledged.
Table 11.3 lists interrupt priority levels associated with IPL.
Table 11.3 Interrupt Priority Levels
IPL2
IPL1
IPL0
Interrupt Priority Levels
0
0
0
Level 1 and above
0
0
1
Level 2 and above
0
1
0
Level 3 and above
0
1
1
Level 4 and above
1
0
0
Level 5 and above
1
0
1
Level 6 and above
1
1
0
Level 7 and above
1
1
1
All maskable interrupts are disabled
11.6.2 Interrupt Control Register and RLVL Register
The peripheral function interrupts use interrupt control registers to control each interrupt. Figures 11.3
and 11.4 show the interrupt control register. Figure 11.5 shows the RLVL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com