Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 127Page - Renesas Technology Corp M32C/86T Datasheet HTML 128Page - Renesas Technology Corp M32C/86T Datasheet HTML 129Page - Renesas Technology Corp M32C/86T Datasheet HTML 130Page - Renesas Technology Corp M32C/86T Datasheet HTML 131Page - Renesas Technology Corp M32C/86T Datasheet HTML 132Page - Renesas Technology Corp M32C/86T Datasheet HTML 133Page - Renesas Technology Corp M32C/86T Datasheet HTML 134Page - Renesas Technology Corp M32C/86T Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 505 page
background image
Page 108
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.6.3 Interrupt Sequence
The interrupt sequence is performed between an interrupt request acknowledgment and interrupt routine
execution.
When an interrupt request is generated while an instruction is executed, the CPU determines its interrupt
priority level after the instruction is completed. The CPU starts the interrupt sequence from the following
cycle. However, in regards to the SCMPU, SIN, SMOVB, SMOVF, SMOVU, SSTR, SOUT or RMPA
instruction, if an interrupt request is generated while executing the instruction, the microcomputer sus-
pends the instruction to start the interrupt sequence.
The interrupt sequence is performed as follows:
(1) The CPU obtains interrupt information (interrupt number and interrupt request level) by reading
address 00000016 (address 00000216 for the high-speed interrupt). Then, the IR bit applicable to
the interrupt information is set to "0" (interrupt requested).
(2) The FLG register, prior to an interrupt sequence, is saved to a temporary register(1) within the CPU.
(3) Each bit in the FLG register is set as follows:
• The I flag is set to "0" (interrupt disabled)
• The D flag is set to "0" (single-step disabled)
• The U flag is set to "0" (ISP selected)
(4) A temporary register within the CPU is saved to the stack; or to the SVF register for the high-speed
interrupt.
(5) PC is saved to the stack; or to the SVP register for the high-speed interrupt.
(6) The interrupt priority level of the acknowledged interrupt is set in IPL .
(7) A relocatable vector corresponding to the acknowledged interrupt is stored into PC.
After the interrupt sequence is completed, an instruction is executed from the starting address of the
interrupt routine.
NOTES:
1. Temporary register cannot be modified by users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com