Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 148Page - Renesas Technology Corp M32C/86T Datasheet HTML 149Page - Renesas Technology Corp M32C/86T Datasheet HTML 150Page - Renesas Technology Corp M32C/86T Datasheet HTML 151Page - Renesas Technology Corp M32C/86T Datasheet HTML 152Page - Renesas Technology Corp M32C/86T Datasheet HTML 153Page - Renesas Technology Corp M32C/86T Datasheet HTML 154Page - Renesas Technology Corp M32C/86T Datasheet HTML 155Page - Renesas Technology Corp M32C/86T Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 505 page
background image
Page 129
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
DMA Mode Register 0(1)
RW
RW
RW
RW
RW
RW
RW
RW
RW
MD00
MD01
BW0
Channel 0 Transfer
Unit Select Bit
Channel 0 Transfer
Mode Select Bit
RW0
MD10
Channel 0 Transfer
Direction Select Bit
Channel 1 Transfer
Mode Select Bit
Channel 1 Transfer
Unit Select Bit
0 0 : DMA disabled
0 1 : Single transfer
1 0 : Do not set to this value
1 1 : Repeat transfer
0 : Fixed address to memory (forward direction)
1 : Memory (forward direction) to fixed address
0 : Fixed address to memory (forward direction)
1 : Memory (forward direction) to fixed address
0 : 8 bits
1 : 16 bits
0 : 8 bits
1 : 16 bits
MD11
BW1
0 0 : DMA disabled
0 1 : Single transfer
1 0 : Do not set to this value
1 1 : Repeat transfer
RW1
Channel 1 Transfer
Direction Select Bit
NOTES:
1. Use the LDC instruction to set the DMD0 register.
Symbol
Address
After Reset
DMD0
(CPU Internal Register)
0016
Function
Bit Name
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
b5 b4
b1 b0
Figure 13.3 DMD0 and DMD1 Registers
DMA Mode Register 1(1)
RW
RW
RW
RW
RW
RW
RW
RW
RW
MD20
MD21
BW2
Channel 2 Transfer
Unit Select Bit
Channel 2 Transfer
Mode Select Bit
RW2
MD30
Channel 2 Transfer
Direction Select Bit
Channel 3 Transfer
Mode Select Bit
Channel 3 Transfer
Unit Select Bit
0 0 : DMA disabled
0 1 : Single transfer
1 0 : Do not set to this value
1 1 : Repeat transfer
0 : Fixed address to memory (forward direction)
1 : Memory (forward direction) to fixed address
0 : Fixed address to memory (forward direction)
1 : Memory (forward direction) to fixed address
0 : 8 bits
1 : 16 bits
0 : 8 bits
1 : 16 bits
MD31
BW3
0 0 : DMA disabled
0 1 : Single transfer
1 0 : Do not set to this value
1 1 : Repeat transfer
RW3
Channel 3 Transfer
Direction Select Bit
NOTES:
1. Use the LDC instruction to set the DMD1 register.
Symbol
Address
After Reset
DMD1
(CPU internal register)
0016
Function
Bit Name
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
b5 b4
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com