Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 150Page - Renesas Technology Corp M32C/86T Datasheet HTML 151Page - Renesas Technology Corp M32C/86T Datasheet HTML 152Page - Renesas Technology Corp M32C/86T Datasheet HTML 153Page - Renesas Technology Corp M32C/86T Datasheet HTML 154Page - Renesas Technology Corp M32C/86T Datasheet HTML 155Page - Renesas Technology Corp M32C/86T Datasheet HTML 156Page - Renesas Technology Corp M32C/86T Datasheet HTML 157Page - Renesas Technology Corp M32C/86T Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 505 page
background image
Page 131
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 13.5 DMA0 to DMA3 Registers, DSA0 to DSA3 Registers and DRA0 to DRA3 Registers
Function
DMAi Memory Address Register (i=0 to 3)
Setting Range
Symbol
Address
After Reset
DMA0(2)
(CPU Internal Register)
XXXXXX16
DMA1(2)
(CPU Internal Register)
XXXXXX16
DMA2(bank1;A0)(3)
(CPU Internal Register)
00000016
DMA3(bank1;A1)(4)
(CPU Internal Register)
00000016
RW
00000016 to FFFFFF16
(16-Mbyte space)
Set a source memory address or destination
memory address(1)
RW
NOTES:
1. When the RWk bit (k=0 to 3) in the DMDj register (j=0, 1)is set to "0" (fixed address to memory), a
destination address is selected. When the RWk bit is set to "1" (memory to fixed address), a source
address is selected.
2. Use the LDC instruction to set the DMA0 and DMA1 registers.
3. To set the DMA2 register, set the B flag in the FLG register to "1" (register bank 1) and set the A0
register. Use the MOV instruction to set the A0 register.
4. To set the DMA3 register, set the B flag to "1" and set the A1 register. Use the MOV instruction to set
the A1 register.
b23
b16
b8 b7
b0
b15
Function
DMAi SFR Address Register (i=0 to 3)
Setting Range
Symbol
Address
After Reset
DSA0(2)
(CPU Internal Register)
XXXXXX16
DSA1(2)
(CPU Internal Register)
XXXXXX16
DSA2(bank1;SB)(3)
(CPU Internal Register)
00000016
DSA3(bank1;FB)(4)
(CPU Internal Register)
00000016
RW
00000016 to FFFFFF16
(16-Mbyte space)
Set a source fixed address or destination fixed
address(1)
RW
NOTES:
1. When the RWk bit (k=0 to 3) in the DMDj register (j=0, 1)is set to "0" (fixed address to memory), a
source address is selected. When the RWk bit is set to "1" (memory to fixed address), a destination
address is selected.
2. Use the LDC instruction to set the DSA0 and DSA1 registers.
3. To set the DSA2 register, set the B flag in the FLG register to "1" (register bank 1) and the set the SB
register. Use the LDC instruction to set the SB register.
4. To set the DSA3 register, set the B flag to "1" and set the FB register. Use the LDC instruction to set
the PB register.
b23
b16
b8 b7
b0
b15
Function
DMAi Memory Address Reload Register(1) (i=0 to 3)
Setting Range
Symbol
Address
After Reset
DRA0
(CPU Internal Register)
XXXXXX16
DRA1
(CPU Internal Register)
XXXXXX16
DRA2(SVP)(2)
(CPU Internal Register)
XXXXXX16
DRA3(VCT)(3)
(CPU Internal Register)
XXXXXX16
RW
00000016 to FFFFFF16
(16-Mbyte space)
Set a source memory address or destination
memory address(1)
RW
NOTES:
1. Use the LDC instruction to set the DRA0 and DRA1 registers.
2. To set the DRA2 register, set the SVP register.
3. To set the DRA3 register, set the VCT register.
b23
b16
b8 b7
b0
b15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com