Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 155Page - Renesas Technology Corp M32C/86T Datasheet HTML 156Page - Renesas Technology Corp M32C/86T Datasheet HTML 157Page - Renesas Technology Corp M32C/86T Datasheet HTML 158Page - Renesas Technology Corp M32C/86T Datasheet HTML 159Page - Renesas Technology Corp M32C/86T Datasheet HTML 160Page - Renesas Technology Corp M32C/86T Datasheet HTML 161Page - Renesas Technology Corp M32C/86T Datasheet HTML 162Page - Renesas Technology Corp M32C/86T Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 505 page
background image
Page 136
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
14. DMAC II
DMAC II performs memory-to-memory transfer, immediate data transfer and calculation transfer, which
transfers the sum of two data added by an interrupt request from any peripheral functions.
Table 14.1 lists specifications of DMAC II.
Table 14.1 DMAC II Specifications
Item
Specification
DMAC II Request Source
Interrupt requests generated by all peripheral functions when the ILVL2 to
ILVL0 bits are set to "1112"
Transfer Data
• Data in memory is transferred to memory (memory-to-memory transfer)
• Immediate data is transferred to memory (immediate data transfer)
• Data in memory (or immediate data) + data in memory are transferred to
memory (calculation transfer)
Transfer Block
8 bits or 16 bits
Transfer Space
64-Kbyte space in addresses 0000016 to 0FFFF16(1, 2)
Transfer Direction
Fixed or forward address
Selected separately for each source address and destination address
Transfer Mode
Single transfer, burst transfer
Chained Transfer Function Parameters (transfer count, transfer address and other information) are
switched when transfer counter reaches zero
End-of-Transfer Interrupt
Interrupt occurs when a transfer counter reaches zero
Multiple Transfer Function
Multiple data can be transferred by a generated request for one DMAC II transfer
NOTES:
1. When transferring a 16-bit data to destination address 0FFFF16, it is transferred to 0FFFF16 and
1000016. The same transfer occurs when the source address is 0FFFF16.
2. The actual space where transfer can occurs is limited due to internal RAM capacity.
14.1 DMAC II Settings
DMAC II can be made available by setting up the following registers and tables.
• RLVL register
• DMAC II Index
• Interrupt control register of the peripheral function causing a DMAC II request
• The relocatable vector table of the peripheral function causing a DMAC II request
• IRLT bit in the IIOiIE register (i = 0 to 5, 8 to 11) if using the intelligent I/O or CAN interrupt
Refer to 11. Interrupts for details on the IIOiIE register.
14.1.1 RLVL Register
When the DMAII bit is set to "1" (DMAC II transfer) and the FSIT bit to "0" (normal interrupt), DMAC II is
activated by an interrupt request from any peripheral function with the ILVL2 to ILVL0 bits in the interrupt
control register set to "1112" (level 7).
Figure 14.1 shows the RLVL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com