Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 157Page - Renesas Technology Corp M32C/86T Datasheet HTML 158Page - Renesas Technology Corp M32C/86T Datasheet HTML 159Page - Renesas Technology Corp M32C/86T Datasheet HTML 160Page - Renesas Technology Corp M32C/86T Datasheet HTML 161Page - Renesas Technology Corp M32C/86T Datasheet HTML 162Page - Renesas Technology Corp M32C/86T Datasheet HTML 163Page - Renesas Technology Corp M32C/86T Datasheet HTML 164Page - Renesas Technology Corp M32C/86T Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 505 page
background image
Page 138
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Transfer Mode
(MOD)
Transfer Counter
(COUNT)
Transfer Source Address (or immediate data) (SADR)
Operation Address(1)
(OADR)
Transfer Destination Address
(DADR)
Chained Transfer Address(2)
(CADR0)
Chained Transfer Address(2)
(CADR1)
End-of-Transfer Interrupt Address(3)
(IADR0)
End-of-Transfer Interrupt Address(3)
(IADR1)
16 bits
DMAC II Index
Starting Address
(BASE)
BASE + 2
BASE + 4
BASE + 6
BASE + 8
BASE + 10
BASE + 14
BASE + 16
BASE + 12
Transfer Mode
(MOD)
Transfer Counter
(COUNT)
Transfer Source Address
(SADR1)
Transfer Destination Address
(DADR1)
Transfer Source Address
(SADR2)
Transfer Destination Address
(DADR2)
Transfer Source Address
(SADR7)
Transfer Destination Address
(DADR7)
16 bits
BASE
BASE + 2
BASE + 4
BASE + 6
BASE + 8
BASE + 10
BASE + 28
BASE + 30
Memory-to-Memory Transfer, Immediate Transfer,
Calculation Transfer
Multiple Transfer
NOTES:
1. This data is not required when not using the calculation transfer function.
2. This data is not required when not using the chained transfer function.
3. This data is not required when not using the end-of-transfer interrupt.
The DMAC II index must be located on the RAM. Necessary data is set front-aligned. For example, if not using a calculation
transfer function, set destination address to BASE+6. (See Table 14.2)
Starting address of the DMAC II index must be set in the interrupt vector for the peripheral function interrupt causing a DMAC II request.
14.1.2 DMAC II Index
The DMAC II index is a data table which comprises 8 to 18 bytes (maximum 32 bytes when the multiple
transfer function is selected). The DMAC II index stores parameters for transfer mode, transfer counter,
source address (or immediate data), operation address as an address to be calculated, destination ad-
dress, chained transfer address, and end-of-transfer interrupt address.
This DMAC II index must be located on the RAM area.
Figure 14.2 shows a configuration of the DMAC II index. Table 14.2 lists a configuration of the DMAC II
index in transfer mode.
Figure 14.2 DMAC II Index
The followings are details of the DMAC II index. Set these parameters in the specified order listed in
Table 14.2, according to DMAC II transfer mode.
• Transfer mode (MOD)
Two-byte data is required to set transfer mode. Figure 14.3 shows a configuration for transfer mode.
• Transfer counter (COUNT)
Two-byte data is required to set the number of transfer.
• Transfer source address (SADR)
Two-byte data is required to set the source memory address or immediate data.
• Operation address (OADR)
Two-byte data is required to set a memory address to be calculated. Set this data only when using
the calculation transfer function.
• Transfer destination address (DADR)
Two-byte data is required to set the destination memory address.
• Chained transfer address (CADR)
Four-byte data is required to set the starting address of the DMAC II index for the next transfer. Set
this data only when using the chained transfer function.
• End-of-transfer interrupt address (IADR)
Four-byte data is required to set a jump address for end-of-transfer interrupt processing. Set this
data only when using the end-of-transfer interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com