Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 160Page - Renesas Technology Corp M32C/86T Datasheet HTML 161Page - Renesas Technology Corp M32C/86T Datasheet HTML 162Page - Renesas Technology Corp M32C/86T Datasheet HTML 163Page - Renesas Technology Corp M32C/86T Datasheet HTML 164Page - Renesas Technology Corp M32C/86T Datasheet HTML 165Page - Renesas Technology Corp M32C/86T Datasheet HTML 166Page - Renesas Technology Corp M32C/86T Datasheet HTML 167Page - Renesas Technology Corp M32C/86T Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 505 page
background image
Page 141
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
14.3.2 Immediate Data Transfer
DMAC II transfers immediate data to any memory location. A fixed or relocatable address can be se-
lected as the destination address. Store the immediate data into SADR. To transfer an 8-bit immediate
data, write the data in the low-order byte of SADR (high-order byte is ignored).
14.3.3 Calculation Transfer
After two memory data or an immediate data and memory data are added together, DMAC II transfers
calculated result to any memory location. SADR must have one memory location address to be calcu-
lated or immediate data and OADR must have the other memory location address to be calculated. Fixed
or relocatable address can be selected as source and destination addresses when using a memory +
memory calculation transfer. If the transfer source address is relocatable, the operation address also
becomes relocatable. Fixed or relocatable address can be selected as the transfer destination address
when using an immediate data + memory calculation transfer.
14.4 Transfer Modes
Single and burst transfers are available. The BRST bit in MOD selects transfer method, either single trans-
fer or burst transfer. COUNT determines how many transfers occur. No transfer occurs when COUNT is set
to "000016".
14.4.1 Single Transfer
For every transfer request source, DMAC II transfers one transfer unit of 8-bit or 16-bit data once. When
the source or destination address is relocatable, the address is incremented, after a transfer, for the next
transfer.
COUNT is decremented every time a transfer occurs. When using the end-of-transfer interrupt, the inter-
rupt is acknowledged when COUNT reaches "0".
14.4.2 Burst Transfer
For every transfer request source, DMAC II continuously transfers data the number of times determined
by COUNT. COUNT is decremented every time a transfer occurs. The burst transfer ends when COUNT
reaches "0". The end-of-transfer interrupt is acknowledged when the burst transfer ends if using the end-
of-transfer interrupt. All interrupts are ignored while the burst transfer is in progress.
14.5 Multiple Transfer
The MULT bit in MOD selects the multiple transfer. When using the multiple transfer, select the memory-to-
memory transfer. One transfer request source initiates multiple transfers. The CNT2 to CNT0 bits in MOD
selects the number of transfers from "0012" (once) to "1112" (7 times). Do not set the CNT2 to CNT0 bits to
"0002".
The transfer source and destination addresses for each transfer must be allocated alternately in addresses
following MOD and COUNT. When the multiple transfer is selected, the calculation transfer, burst transfer,
end-of-transfer interrupt and chained transfer cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com