Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 163Page - Renesas Technology Corp M32C/86T Datasheet HTML 164Page - Renesas Technology Corp M32C/86T Datasheet HTML 165Page - Renesas Technology Corp M32C/86T Datasheet HTML 166Page - Renesas Technology Corp M32C/86T Datasheet HTML 167Page - Renesas Technology Corp M32C/86T Datasheet HTML 168Page - Renesas Technology Corp M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 505 page
background image
Page 144
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15. Timer
The microcomputer has eleven 16-bit timers. Five timers A and six timers B have different functions. Each
timer functions independently.
The count source for each timer becomes the clock for timer operations
including counting and reloading, etc. Figures 15.1 and 15.2 show block diagrams of timer A and timer B
configuration.
00: Timer mode
10: One-shot timer mode
11: PWM mode
01: Event counter mode
TA0IN
TA1IN
TA2IN
TA3IN
TA4IN
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
f1 f8 f2n fC32
Timer A0 interrupt
Timer A1 interrupt
Timer A2 interrupt
Timer A3 interrupt
Timer A4 interrupt
Noise
filter
Noise
filter
Noise
filter
Noise
filter
Noise
filter
00
01
10
11
TCK1 and TCK0
00: Timer mode
10: One-shot tiemr mode
11: PWM mode
00: Timer mode
10: One-shot timer mode
11: PWM mode
00: Timer mode
10: One-shot timer mode
11: PWM mode
00: Timer mode
10: One-shot timer mode
11: PWM mode
01: Event counter mode
01: Event counter mode
01: Event counter mode
01: Event counter mode
TCK1 and TCK0
TCK1 and TCK0
TMOD1 and TMOD0
TMOD1 and TMOD0
TMOD1 and TMOD0
TA0TGH and TA0TGL
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
11
10
00
01
11
10
00
01
11
10
00
01
11
10
00
01
11
10
CST: Bit in the TCSPR Register
TCK1 and TCK0, TMOD1 and TMOD0 : Bits in the TAiMR Register (i=0 to 4)
TAiTGH and TAiTGL: Bits in the ONSF Register or TRGSR Register
TA2TGH and TA2TGL
TA3TGH and TA3TGL
TA4TGH and TA4TGL
TMOD1 and TMOD0
TMOD1 and TMOD0
1/32
fC32
XCIN
Set the CPSR bit in the
CPSRF register to "1"
Reset
Clock prescaler
Timer B2 overflow
or underflow signal
TCK1 and TCK0
TCK1 and TCK0
TA1TGH and TA1TGL
Figure 15.1 Timer A Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com