Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 166Page - Renesas Technology Corp M32C/86T Datasheet HTML 167Page - Renesas Technology Corp M32C/86T Datasheet HTML 168Page - Renesas Technology Corp M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 505 page
background image
Page 147
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer Ai Register (i=0 to 4)(1)
Symbol
Address
After Reset
TA0 to TA2
034716-034616, 034916-034816, 034B16-034A16
Indeterminate
TA3, TA4
034D16-034C16, 034F16-034E16
Indeterminate
RW
RW
RW
WO
WO
WO
Timer Mode
000016 to FFFF16
000016 to FFFF16
000016 to FFFF16(3)
000016 to FFFE16(3)
0016 to FE16(3)
(High-order
address bits)
0016 to FF16(3)
(Low-order
address bits)
Event Counter
Mode(2)
One-Shot Timer
Mode(4)
Pulse Width
Modulation Mode(5)
(16-Bit PWM)
Pulse Width
Modulation Mode(5)
(8-Bit PWM)
Function
Setting Range
Mode
If setting value is n, count source
is divided by n+1.
If setting value is n, count source
is divided by FFFF16 - n+1 when
the counter is incremented
and by n+1 when the counter is
decremented.
If count source frequency is fj
and setting value of the TAi
register is n,
PWM cycle: (216-1) / fj
"H" width of PWM pulse: n / fj
If count source frequency is fj,
setting value of high-order bits in
the TAi register is n and setting
value of low-order bits in the TAi
register is m,
PWM cycle: (28-1)x(m+1) / fj
"H" width of PWM pulse: (m+1)n / fj
If setting value is n, count source
is divided by n, then stops.
b15
b8 b7
b0
fj : f1, f8, f2n, fC32
NOTES:
1. Use 16-bit data for reading and writing.
2. The TAi register counts how many pulse inputs are provided externally or how many times another
timer counter overflows and underflows.
3. Use the MOV instruction to set the TAi register.
4. When the TAi register is set to "000016", the timer counter does not start and the timer Ai interrupt
request is not generated.
5. When the TAi register is set to "000016", the pulse width modulator does not operate and the TAiOUT
pin is held "L". The TAi interrupt request is also not generated. The same situation occurs in 8-bit
pulse width modulator mode if the 8 high-order bits in the TAi register are set to "0016".
Figure 15.4 TA0 to TA4 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com