Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 168Page - Renesas Technology Corp M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp M32C/86T Datasheet HTML 175Page - Renesas Technology Corp M32C/86T Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 505 page
background image
Page 149
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 15.6 UDF Register and ONSF Register
Symbol
Address
After Reset
UDF
034416
0016
Up/Down Flag(1)
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
WO
WO
WO
TA0UD
Timer A0
Up/Down Flag(2)
TA2P
0 : Decrement
1 : Increment
TA1UD
0 : Decrement
1 : Increment
RW
TA2UD
0 : Decrement
1 : Increment
TA3UD
0 : Decrement
1 : Increment
RW
TA4UD
0 : Decrement
1 : Increment
Timer A2 Two-Phase
Pulse Signal Processing
Function Select Bit(3)
0 : Disables two-phase pulse signal
processing function
1 : Enables two-phase pulse signal
processing function
TA3P
Timer A3 Two-Phase
Pulse Signal Processing
Function Select Bit(3)
0 : Disables two-phase pulse signal
processing function
1 : Enables two-phase pulse signal
processing function
Timer A4 Two-Phase
Pulse Signal Processing
Function Select Bit(3)
TA4P
0 : Disables two-phase pulse signal
processing function
1 : Enables two-phase pulse signal
processing function
Timer A1
Up/Down Flag(2)
Timer A2
Up/Down Flag(2)
Timer A3
Up/Down Flag(2)
Timer A4
Up/Down Flag(2)
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Use the MOV instruction to set the UDF register.
2. This bit is enabled when the MR2 bit in the TAiMR register (i=0 to 4) is set to "0" (the UDF register
causes increment/decrement switching) in event counter mode.
3. Set this bit to "0" when not using the two-phase pulse signal processing function.
One-Shot Start Flag
Symbol
Address
After Reset
ONSF
034216
0016
RW
RW
TA0OS
Timer A0 One-Shot
Start Flag(1)
RW
TA1OS
Timer A1 One-Shot
Start Flag(1)
RW
TA2OS
Timer A2 One-Shot
Start Flag(1)
RW
TA3OS
Timer A3 One-Shot
Start Flag(1)
RW
TA4OS
Timer A4 One-Shot
Start Flag(1)
0 : In an idle state
1 : Starts the timer
RW
TAZIE
Z-Phase Input Enable Bit
0 : Disables Z-phase input
1 : Enables Z-phase input
Bit Name
Function
Bit
Symbol
RW
RW
TA0TGL
TA0TGH
Timer A0 Event/Trigger
Select Bit
0 0 : Selects an input to the TA0IN pin
0 1 : Selects the TB2 overflows(2)
1 0 : Selects the TA4 overflows(2)
1 1 : Selects the TA1 overflows(2)
b7b6
NOTES:
1. When read, this bit is set to "0".
2. Overflow or underflow.
0 : In an idle state
1 : Starts the timer
0 : In an idle state
1 : Starts the timer
0 : In an idle state
1 : Starts the timer
0 : In an idle state
1 : Starts the timer
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com