Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp M32C/86T Datasheet HTML 175Page - Renesas Technology Corp M32C/86T Datasheet HTML 176Page - Renesas Technology Corp M32C/86T Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 505 page
background image
Page 150
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 15.7 TRGSR Register and TCSPR Register
Trigger Select Register
Symbol
Address
After Reset
TRGSR
034316
0016
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
RW
RW
TA4TGL
TA4TGH
Timer A4 Event/Trigger
Select Bit
TA1TGL
TA1TGH
Timer A1 Event/Trigger
Select Bit
b0
b1
TA2TGL
TA2TGH
Timer A2 Event/Trigger
Select Bit
TA3TGL
TA3TGH
Timer A3 Event/Trigger
Select Bit
NOTES:
1. Overflow or underflow
0 0 : Selects an input to the TA1IN pin
0 1 : Selects the TB2 overflows(1)
1 0 : Selects the TA0 overflows(1)
1 1 : Selects the TA2 overflows(1)
b3 b2
0 0 : Selects an input to the TA2IN pin
0 1 : Selects the TB2 overflows(1)
1 0 : Selects the TA1 overflows(1)
1 1 : Selects the TA3 overflows(1)
b5 b4
0 0 : Selects an input to the TA3IN pin
0 1 : Selects the TB2 overflows(1)
1 0 : Selects the TA2 overflows(1)
1 1 : Selects the TA4 overflows(1)
b7 b6
0 0 : Selects an input to the TA4IN pin
0 1 : Selects the TB2 overflows(1)
1 0 : Selects the TA3 overflows(1)
1 1 : Selects the TA0 overflows(1)
b7
b6
b5
b4
b3
b2
b1
b0
Count Source Prescaler Register
Symbol
Address
After Reset(2)
TCSPR
035F16
0XXX 00002
RW
RW
RW
RW
RW
RO
Bit Name
Function
Bit
Symbol
RW
CST
Operation Enable Bit
0 : Stops a divider
1 : Starts a divider
CNT0
CNT1
CNT2
CNT3
(b6 - b4)
Divide Ratio Select Bit(1)
If setting value is n, f2n is the
main clock, on-chip oscillator or
PLL clock divided by 2n.
Not divided if n=0.
NOTES:
1. Set the CST bit to "0" before the CNT3 to CNT0 bits are rewritten.
2. The TCSPR register maintains values set before reset, even after software reset or watchdog timer
reset has performed.
Reserved Bit
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com