Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp M32C/86T Datasheet HTML 175Page - Renesas Technology Corp M32C/86T Datasheet HTML 176Page - Renesas Technology Corp M32C/86T Datasheet HTML 177Page - Renesas Technology Corp M32C/86T Datasheet HTML 178Page - Renesas Technology Corp M32C/86T Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 505 page
background image
Page 152
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15.1.1 Timer Mode
In timer mode, the timer counts an internally generated count source (see Table 15.3). Figure 15.8
shows the TAiMR register (i=0 to 4) in timer mode.
Table 15.3 Timer Mode Specifications
Item
Specification
Count Source
f1, f8, f2n(1), fC32
Counting Operation
• The timer decrements a counter value
When the timer counter underflows, content of the reload register is reloaded into the
count register and counting resumes.
Divide Ratio
1/(n+1)
n: setting value of the TAi register (i=0 to 4)
000016 to FFFF16
Counter Start Condition
The TAiS bit in the TABSR register is set to "1" (starts counting)
Counter Stop Condition
The TAiS bit is set to "0" (stops counting)
Interrupt Request Generation Timing The timer counter underflows
TAiIN Pin Function
Programmable I/O port or gate input
TAiOUT Pin Function
Programmable I/O port or pulse output
Read from Timer
The TAi register indicates counter value
Write to Timer
• While the timer counter stops, the value written to the TAi register is also written to
both reload register and counter
• While counting, the value written to the TAi register is written to the reload register
(It is transferred to the counter at the next reload timing)
Selectable Function
• Gate function
Input signal to the TAiIN pin determines whether the timer counter starts or stops counting
• Pulse output function
The polarity of the TAiOUT pin is inversed whenever the timer counter underflows
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com