Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 167Page - Renesas Technology Corp M32C/86T Datasheet HTML 168Page - Renesas Technology Corp M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp M32C/86T Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 505 page
background image
Page 148
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 15.5 TA0MR to TA4MR Registers and TABSR Register
Timer Ai Mode Register (i=0 to 4)
Symbol
Address
After Reset
TA0MR to TA4MR
035616, 035716, 035816, 035916, 035A16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
TMOD0
TMOD1
Operating Mode
Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
Function varies depending on
operating mode
Function varies depending on
operating mode
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot timer mode
1 1 : Pulse width modulation
(PWM) mode
b1b0
Bit Name
Function
Bit
Symbol
Reserved Bit
Set to "0"
(b3)
b7
b6
b5
b4
b3
b2
b1
b0
0
Count Start Flag
Symbol
Address
After Reset
TABSR
034016
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
TA0S
Timer A0 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA1S
Timer A1 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA2S
Timer A2 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA3S
Timer A3 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA4S
Timer A4 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB0S
Timer B0 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB1S
Timer B1 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB2S
Timer B2 Count
Start Flag
0 : Stops counting
1 : Starts counting
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com