Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 164Page - Renesas Technology Corp M32C/86T Datasheet HTML 165Page - Renesas Technology Corp M32C/86T Datasheet HTML 166Page - Renesas Technology Corp M32C/86T Datasheet HTML 167Page - Renesas Technology Corp M32C/86T Datasheet HTML 168Page - Renesas Technology Corp M32C/86T Datasheet HTML 169Page - Renesas Technology Corp M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 505 page
background image
Page 145
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
TB0IN
TB1IN
TB2IN
Timer B0
f1 f8 f2n fC32
Timer B0 interrupt
Noise
filter
Timer B2 overflow or underflow signal
(to a count source of Timer A)
TB3IN
TB4IN
TB5IN
Timer B3 interrupt
Timer B1 interrupt
Timer B2 interrupt
Timer B4 interrupt
Timer B5 interrupt
00
01
10
11
TCK1 to TCK0
Timer B1
00
01
10
11
TCK1 and TCK0
Noise
filter
Timer B2
00
01
10
11
TCK1 and TCK0
Noise
filter
Timer B3
00
01
10
11
TCK1 and TCK0
Noise
filter
00
01
10
11
TCK1 and TCK0
Timer B4
Noise
filter
00
01
10
11
TCK1 and TCK0
Timer B5
Noise
filter
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
TMOD1 and TMOD0
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
01:Event counter mode
00: Timer mode
10: Pulse width measurement mode
TCK1
1
0
CST : Bit in the TCSPR Register
TCK1 and TCK0, TMOD1 and TMOD0 : Bits in the TBiMR Register (i=0 to 5)
TMOD1 and TMOD0
TMOD1 and TMOD0
TMOD1 and TMOD0
TMOD1 and TMOD0
TMOD1 and TMOD0
1/32
fC32
XCIN
Set the CPSR bit in the
CPSRF register to "1"
Reset
Clock prescaler
Figure 15.2 Timer B Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com