Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 170Page - Renesas Technology Corp M32C/86T Datasheet HTML 171Page - Renesas Technology Corp M32C/86T Datasheet HTML 172Page - Renesas Technology Corp M32C/86T Datasheet HTML 173Page - Renesas Technology Corp M32C/86T Datasheet HTML 174Page - Renesas Technology Corp M32C/86T Datasheet HTML 175Page - Renesas Technology Corp M32C/86T Datasheet HTML 176Page - Renesas Technology Corp M32C/86T Datasheet HTML 177Page - Renesas Technology Corp M32C/86T Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 505 page
background image
Page 151
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 15.1 Pin Settings for Output from TAiOUT Pin (i=0 to 4)
Pin
Setting
PS1, PS2 Registers
PSL1, PSL2 Registers
PSC Register
P70/TA0OUT(1)
PS1_0= 1
PSL1_0=1
PSC_0= 0
P72/TA1OUT
PS1_2= 1
PSL1_2=1
PSC_2= 0
P74/TA2OUT
PS1_4= 1
PSL1_4=0
PSC_4= 0
P76/TA3OUT
PS1_6= 1
PSL1_6=1
PSC_6= 0
P80/TA4OUT
PS2_0= 1
PSL2_0=0
–
NOTES:
1. P70/TA0OUT is a port for the N-channel open drain output.
Table 15.2 Pin Settings for Input to TAiIN and TAiOUT Pins (i=0 to 4)
PS1_0=0
Pin
P70/TA0OUT
P71/TA0IN
P72/TA1OUT
P73/TA1IN
P74TA2OUT
PS1_1=0
PS1, PS2 Registers
PS1_2=0
PS1_3=0
PS1_4=0
PD7, PD8 Registers
PD7_0=0
PD7_1=0
PD7_2=0
PD7_3=0
PD7_4=0
Setting
P75/TA2IN
P76TA3OUT
P77/TA3IN
P80/TA4OUT
P81/TA4IN
PS1_5=0
PS1_6=0
PS1_7=0
PS2_0=0
PS2_1=0
PD7_5=0
PD7_6=0
PD7_7=0
PD8_0=0
PD8_1=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com