Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 183Page - Renesas Technology Corp M32C/86T Datasheet HTML 184Page - Renesas Technology Corp M32C/86T Datasheet HTML 185Page - Renesas Technology Corp M32C/86T Datasheet HTML 186Page - Renesas Technology Corp M32C/86T Datasheet HTML 187Page - Renesas Technology Corp M32C/86T Datasheet HTML 188Page - Renesas Technology Corp M32C/86T Datasheet HTML 189Page - Renesas Technology Corp M32C/86T Datasheet HTML 190Page - Renesas Technology Corp M32C/86T Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 505 page
background image
Page 164
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 15.18 TB0MR to TB5MR Registers, TABSR Register
Timer Bi Mode Register (i=0 to 5)
Symbol
Address
After Reset
TB0MR to TB5MR
035B16, 035C16, 035D16, 031B16, 031C16, 031D16 00XX 00002
RW
RW
RW
RW
RW
RW
RW
RW
RW
TMOD0
TMOD1
MR0
Operating Mode
Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
Function varies depending on
operating mode (1, 2)
Function varies depending on
operating mode
0 0 : Timer mode
0 1 : Event counter mode
1 0 : Pulse period measurement mode,
pulse width measurement mode
1 1 : Do not set to this value
b1b0
Bit Name
Function
Bit
Symbol
NOTES:
1. Only MR2 bits in the TB0MR and TB3MR registers are enabled.
2. Nothing is assigned in the MR2 bit in the TB1MR, TB2MR, TB4MR and TB5MR registers.
When write, set to "0". When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
Count Start Flag
Symbol
Address
After Reset
TABSR
034016
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
TA0S
Timer A0 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA1S
Timer A1 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA2S
Timer A2 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA3S
Timer A3 Count
Start Flag
0 : Stops counting
1 : Starts counting
TA4S
Timer A4 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB0S
Timer B0 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB1S
Timer B1 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB2S
Timer B2 Count
Start Flag
0 : Stops counting
1 : Starts counting
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com