Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 185Page - Renesas Technology Corp M32C/86T Datasheet HTML 186Page - Renesas Technology Corp M32C/86T Datasheet HTML 187Page - Renesas Technology Corp M32C/86T Datasheet HTML 188Page - Renesas Technology Corp M32C/86T Datasheet HTML 189Page - Renesas Technology Corp M32C/86T Datasheet HTML 190Page - Renesas Technology Corp M32C/86T Datasheet HTML 191Page - Renesas Technology Corp M32C/86T Datasheet HTML 192Page - Renesas Technology Corp M32C/86T Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 505 page
background image
Page 166
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15.2.1 Timer Mode
In timer mode, the timer counts an internally generated count source (see Table 15.9). Figure 15.20
shows the TBiMR register (i=0 to 5) in timer mode.
Table 15.9 Timer Mode Specifications
Item
Specification
Count Source
f1, f8, f2n(1), fC32
Counting Operation
• The timer decrements a counter value
When the timer counter underflows, content of the reload register is reloaded into the
count register and counting resumes
Divide Ratio
1/(n+1)
n: setting value of the TBi register (i=0 to 5)
000016 to FFFF16
Counter Start Condition
The TBiS bits in the TABSR and TBSR registers are set to "1" (starts counting)
Counter Stop Condition
The TBiS bit is set to "0" (stops counting)
Interrupt Request Generation Timing Timer counter underflows
TBiIN Pin Function
Programmable I/O port
Read from Timer
The TBi register indicates counter value
Write to Timer
• When the timer counter stops, the value written to the TBi register is also written to
both reload register and counter
• While counting, the value written to the TBi register is written to the reload register
(It is transferred to the counter at the next reload timing)
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
Figure 15.20 TB0MR to TB5MR Registers
Timer Bi Mode Register (i=0 to 5) (Timer Mode)
Symbol
Address
After reset
TB0MR to TB5MR 035B16, 035C16, 035D16, 031B16, 031C16, 031D16 00XX 00002
RW
RW
RW
RW
RW
RW
RW
RW
RW
TMOD0
TMOD1
MR0
Operating Mode
Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
TB0MR, TB3MR registers:
Set to "0" in timer mode
Set to "0" in timer mode
Disabled in timer mode.
Can be set to "0" or "1".
0 0 : f1
0 1 : f8
1 0 : f2n(1)
1 1 : fC32
0 0 : Timer mode
b1b0
Bit Name
Function
Bit
Symbol
b7 b6
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
TB1MR, TB2MR TB4MR, TB5MR registers:
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com