Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 223Page - Renesas Technology Corp M32C/86T Datasheet HTML 224Page - Renesas Technology Corp M32C/86T Datasheet HTML 225Page - Renesas Technology Corp M32C/86T Datasheet HTML 226Page - Renesas Technology Corp M32C/86T Datasheet HTML 227Page - Renesas Technology Corp M32C/86T Datasheet HTML 228Page - Renesas Technology Corp M32C/86T Datasheet HTML 229Page - Renesas Technology Corp M32C/86T Datasheet HTML 230Page - Renesas Technology Corp M32C/86T Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 505 page
background image
Page 204
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (UART)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
P
SP
ST
SP
ST
P
TxDi
(no inverse)
Transfer Clock
"H"
"L"
"H"
"L"
(1) When the UiLCH bit in the UiC1 register (i=0 to 4) is set to "0" (no inverse)
TxDi
(inverse)
"H"
"L"
Transfer Clock
"H"
"L"
(2) When the UiLCH bit in the UiC1 register is set to "1" (inverse)
NOTES:
1. The above applies to when the UFORM bit in the UiC0 register is set to "0"
(LSB first), the STPS bit in the UiMR register is set to "0" (1 stop bit) and
the PRYE bit is set to "1" (parity enabled).
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
ST : Start bit
P : Parity bit
SP : Stop bit
ST : Start bit
P : Parity bit
SP : Stop bit
CLKi
TxDi
RxDi
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
SP
ST
P
(1) When the UFORM Bit in the UiC0 Register (i=0 to 4) is set to "0" (LSB first)
P
SP
ST
SP
ST
P
(2) When the UFORM Bit in the UiC0 Register is set to "1" (MSB first)
CLKi
TxDi
RxDi
NOTES:
1. The above applies when the CKPOL bit in the UiC0 register is set to "0" (data is
transmitted on the falling edge of the transfer clock and received on the rising edge)
and the UiLCH bit in the UiC1 register is set to "0" (no inverse).
D0
D1
D2
D3
D4
D5
D6
D7
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
17.2.2 Selecting LSB First or MSB First
As shown in Figure 17.16, the UFORM bit in the UiC0 register (i=0 to 4) determines data transfer format.
This function is available for 8-bit transfer data.
Figure 17.16 Transfer Format
17.2.3 Serial Data Logic Inverse
When the UiLCH bit (i=0 to 4) in the UiC1 register is set to "1" (inverse), data logic written in the UiTB
register is inversed when transmitted. The inversed receive data logic can be read by reading the UiRB
register. Figure 17.17 shows a switching example of the serial data logic.
Figure 17.17 Serial Data Logic Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com