Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 227Page - Renesas Technology Corp M32C/86T Datasheet HTML 228Page - Renesas Technology Corp M32C/86T Datasheet HTML 229Page - Renesas Technology Corp M32C/86T Datasheet HTML 230Page - Renesas Technology Corp M32C/86T Datasheet HTML 231Page - Renesas Technology Corp M32C/86T Datasheet HTML 232Page - Renesas Technology Corp M32C/86T Datasheet HTML 233Page - Renesas Technology Corp M32C/86T Datasheet HTML 234Page - Renesas Technology Corp M32C/86T Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 505 page
background image
Page 208
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.13 Register Settings in I2C Mode
Register
Bit
Function
Master
Slave
UiTB
7 to 0
Set transmit data
UiRB
7 to 0
Received data can be read
8
ACK or NACK bit can be read
ABT
Arbitration lost detect flag
Disabled
OER
Overrun error flag
UiBRG
7 to 0
Set bit rate
Disabled
UiMR
SMD2 to SMD0
Set to "0102"
CKDIR
Set to "0"
Set to "1"
IOPOL
Set to "0"
UiC0
CLK1, CLK0
Select count source of the UiBRG register
Disabled
CRS
Disabled because the CRD bit is set to "1"
TXEPT
Transfer register empty flag
CRD, NCH
Set to "1"
CKPOL
Set to "0"
UFORM
Set to "1"
UiC1
TE
Set to "1" to enable data transmission
TI
Transfer buffer empty flag
RE
Set to "1" to enable data reception
RI
Reception complete flag
UiRRM, UiLCH,
Set to "0"
UiERE
UiSMR
IICM
Set to "1"
ABC
Select an arbitration lost detect timing
Disabled
BBS
Bus busy flag
7 to 3
Set to "000002"
UiSMR2
IICM2
See Table 17.14
CSC
Set to "1" to enable clock synchronization
Set to "0"
SWC
Set to "1" to fix an "L" signal output from SCLi on the falling edge of the ninth bit
of the transfer clock
ALS
Set to "1" to terminate SDAi output when
Not used. Set to "0"
detecting the arbitration lost
STC
Not used. Set to "0"
Set to "1" to reset UARTi
by detecting the start condition
SWC2
Set to "1" for an "L" signal output from SCL forcibly
SDHI
Set to "1" to disable SDA output
SU1HIM
Set to "0"
UiSMR3
SSE
Set to "0"
CKPH
See Table 17.14
DINC, NODC, ERR Set to "0"
DL2 to DL0
Set digital delay value
UiSMR4
STAREQ
Set to "1" when generating a start condition
Not used. Set to "0"
RSTAREQ
Set to "1" when generating a restart condition
STPREQ
Set to "1" when generating a stop condition
STSPSEL
Set to "1" when using a condition generating function
ACKD
Select ACK or NACK
ACKC
Set to "1" for ACK data output
SCLHI
Set to "1" to enable SCL output stop when
Not used. Set to "0"
detecting stop condition
SWC9
Not used. Set to "0"
Set to "1" to fix an "L" signal output
from SCLi on the falling edge of the
ninth bit of the transfer clock
IFSR
IFSR6, IFSR7
Set to "1"
i=0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com