Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 228Page - Renesas Technology Corp M32C/86T Datasheet HTML 229Page - Renesas Technology Corp M32C/86T Datasheet HTML 230Page - Renesas Technology Corp M32C/86T Datasheet HTML 231Page - Renesas Technology Corp M32C/86T Datasheet HTML 232Page - Renesas Technology Corp M32C/86T Datasheet HTML 233Page - Renesas Technology Corp M32C/86T Datasheet HTML 234Page - Renesas Technology Corp M32C/86T Datasheet HTML 235Page - Renesas Technology Corp M32C/86T Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 505 page
background image
Page 209
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
n
o
i
t
c
n
u
F
s
u
o
n
o
r
h
c
n
y
S
k
c
o
l
C
e
d
o
M
O
/
I
l
a
i
r
e
S
1
0
0
=
0
D
M
S
o
t
2
D
M
S
(
2
,
)
0
=
M
C
I
I
I2
0
1
0
=
0
D
M
S
o
t
2
D
M
S
(
e
d
o
M
C
2
)
1
=
M
C
I
I
,
0
=
2
M
C
I
I
)
t
p
u
r
r
e
t
n
i
K
C
A
/
K
C
A
N
(
1
=
2
M
C
I
I
)
t
p
u
r
r
e
t
n
i
e
v
i
e
c
e
r
T
R
A
U
/
t
i
m
s
n
a
r
t
T
R
A
U
(
0
=
H
P
K
C
)
y
a
l
e
d
k
c
o
l
c
o
N
(
1
=
H
P
K
C
)
y
a
l
e
d
k
c
o
l
C
(
0
=
H
P
K
C
)
y
a
l
e
d
k
c
o
l
c
o
N
(
1
=
H
P
K
C
)
y
a
l
e
d
k
c
o
l
C
(
o
t
9
3
s
r
e
b
m
u
N
t
p
u
r
r
e
t
n
I
d
e
t
a
r
e
n
e
G
1
4
)
1
(
)
0
2
.
7
1
e
r
u
g
i
F
e
e
S
(
-
)
8
1
.
7
1
e
l
b
a
T
e
e
S
(
t
c
e
t
e
d
n
o
i
t
i
d
n
o
c
p
o
t
s
r
o
n
o
i
t
i
d
n
o
c
t
r
a
t
S
,
9
1
,
7
1
r
e
b
m
u
N
t
p
u
r
r
e
t
n
I
7
3
d
n
a
5
3
,
3
3
d
e
t
a
r
e
n
e
G
)
1
(
)
0
2
.
7
1
e
r
u
g
i
F
e
e
S
(
-
n
o
i
s
s
i
m
s
n
a
r
T
i
T
R
A
U
r
o
d
e
t
r
a
t
s
n
o
i
s
s
i
m
s
n
a
r
T
y
b
d
e
t
c
e
l
e
s
(
d
e
t
e
l
p
m
o
c
)
r
e
t
s
i
g
e
r
S
R
Ii
U
e
h
t
t
n
e
m
e
g
d
e
l
w
o
n
k
c
A
o
N
-
)
K
C
A
N
(
n
o
i
t
c
e
t
e
D
i
L
C
S
f
o
t
i
b
h
t
9
f
o
e
g
d
e
g
n
i
s
i
R
i
T
R
A
U
-
n
o
i
s
s
i
m
s
n
a
r
T
f
o
e
g
d
e
g
n
i
s
i
R
i
L
C
S
f
o
t
i
b
h
t
9
-
n
o
i
s
s
i
m
s
n
a
r
T
i
T
R
A
U
e
h
t
r
e
t
f
a
e
g
d
e
g
n
il
l
a
f
t
x
e
N
i
L
C
S
f
o
t
i
b
h
t
9
,
0
2
,
8
1
s
r
e
b
m
u
N
t
p
u
r
r
e
t
n
I
8
3
d
n
a
6
3
,
4
3
d
e
t
a
r
e
n
e
G
)
1
(
)
0
2
.
7
1
e
r
u
g
i
F
e
e
S
(
-
n
o
i
t
p
e
c
e
R
i
T
R
A
U
t
i
b
h
t
8
t
a
g
n
i
v
i
e
c
e
R
)
e
g
d
e
g
n
i
s
i
r
(
0
=
L
O
P
K
C
)
e
g
d
e
g
n
il
l
a
f
(
1
=
L
O
P
K
C
n
o
i
t
c
e
t
e
D
t
n
e
m
e
g
d
e
l
w
o
n
k
c
A
)
K
C
A
(-
i
L
C
S
f
o
t
i
b
h
t
9
f
o
e
g
d
e
g
n
i
s
i
R
-
n
o
i
t
p
e
c
e
R
i
T
R
A
U
i
L
C
S
f
o
t
i
b
h
t
9
f
o
e
g
d
e
g
n
il
l
a
F
m
o
r
f
g
n
i
m
i
T
r
e
f
s
n
a
r
T
a
t
a
D
t
fi
h
S
e
v
i
e
c
e
R
T
R
A
U
e
h
t
r
e
t
s
i
g
e
R
B
R
i
U
e
h
t
o
t
r
e
t
s
i
g
e
R
)
e
g
d
e
g
n
i
s
i
r
(
0
=
L
O
P
K
C
)
e
g
d
e
g
n
il
l
a
f
(
1
=
L
O
P
K
C
i
L
C
S
f
o
t
i
b
h
t
9
f
o
e
g
d
e
g
n
i
s
i
R
f
o
e
g
d
e
g
n
il
l
a
F
i
L
C
S
f
o
t
i
b
h
t
9
e
g
d
e
g
n
i
s
i
r
d
n
a
e
g
d
e
g
n
il
l
a
F
i
L
C
S
f
o
t
i
b
h
t
9
f
o
t
u
p
t
u
O
t
i
m
s
n
a
r
T
i
T
R
A
U
y
a
l
e
D
y
a
l
e
d
o
Ny
a
l
e
D
6
P 3
6
P
,
7
7
P
,
0
9
P
,
2
9
P
,
6
s
n
o
i
t
c
n
u
F
n
i
P
t
u
p
t
u
o
i
D
x
Tt
u
p
t
u
o
d
n
a
t
u
p
n
i
i
A
D
S
6
P 2
6
P
,
6
7
P
,
1
9
P
,
1
9
P
,
7
s
n
o
i
t
c
n
u
F
n
i
P
t
u
p
n
i
i
D
x
Rt
u
p
t
u
o
d
n
a
t
u
p
n
i
i
L
C
S
6
P 1
6
P
,
5
7
P
,
2
9
P
,
0
9
P
,
5
s
n
o
i
t
c
n
u
F
n
i
P
r
o
t
u
p
n
i
i
K
L
C
t
c
e
l
e
S
t
u
p
t
u
o
I
n
i
d
e
s
u
t
o
N
(
–
2
)
e
d
o
m
C
h
t
d
i
W
r
e
t
li
F
e
s
i
o
Ns
n
5
1s
n
0
0
2
i
L
C
S
d
n
a
i
D
x
R
g
n
i
d
a
e
R
s
l
e
v
e
L
n
i
P
t
r
o
p
f
i
d
a
e
r
e
b
n
a
C
"
0
"
o
t
t
e
s
s
i
t
i
b
n
o
i
t
c
e
r
i
d
t
i
b
n
o
i
t
c
e
r
i
d
t
r
o
p
e
h
t
f
o
s
s
e
l
d
r
a
g
e
r
d
a
e
r
e
b
n
a
C
,
i
D
x
T
f
o
e
u
l
a
V
t
l
u
a
f
e
D
t
u
p
t
u
O
i
A
D
S
)
H
(
0
=
L
O
P
K
C
)
L
(
1
=
L
O
P
K
C
I
g
n
i
r
e
t
n
e
e
r
o
f
e
b
r
e
t
s
i
g
e
r
t
r
o
p
e
h
t
n
i
t
e
s
s
e
u
l
a
V
2
e
d
o
m
C
)
2
(
d
n
E
d
n
a
t
l
u
a
f
e
D
i
L
C
S
e
u
l
a
V
–
HL
HL
d
e
t
a
r
e
n
e
G
A
M
D
)
0
2
.
7
1
e
r
u
g
i
F
e
e
S
(
n
o
i
t
p
e
c
e
r
i
T
R
A
U
c
e
t
e
d
t
n
e
m
e
g
d
e
l
w
o
n
k
c
An
o
i
t
)
K
C
A
(
-
n
o
i
t
p
e
c
e
R
i
T
R
A
U
i
L
C
S
f
o
t
i
b
h
t
9
f
o
e
g
d
e
g
n
il
l
a
F
a
t
a
D
d
e
v
i
e
c
e
R
e
r
o
t
S
e
h
t
f
o
s
t
i
b
h
t
8
o
t
t
s
1
d
e
r
o
t
s
e
r
a
a
t
a
d
d
e
v
i
e
c
e
r
e
h
t
n
i
0
o
t
7
s
t
i
b
o
t
n
i
r
e
t
s
i
g
e
r
B
R
i
U
d
e
v
i
e
c
e
r
e
h
t
f
o
s
t
i
b
h
t
8
o
t
t
s
1
0
o
t
7
s
t
i
b
o
t
n
i
d
e
r
o
t
s
e
r
a
a
t
a
d
r
e
t
s
i
g
e
r
B
R
i
U
e
h
t
n
i
d
e
r
o
t
s
e
r
a
a
t
a
d
d
e
v
i
e
c
e
r
e
h
t
f
o
s
t
i
b
h
t
7
o
t
t
s
1
s
i
t
i
b
h
t
8
.
r
e
t
s
i
g
e
r
B
R
i
U
e
h
t
n
i
0
o
t
6
s
t
i
b
o
t
n
i
.
r
e
t
s
i
g
e
r
B
R
i
U
e
h
t
n
i
8
t
i
b
o
t
n
i
d
e
r
o
t
s
o
t
n
i
d
e
r
o
t
s
e
r
a
s
ti
b
h
t
8
o
t
t
s
1
B
R
i
U
e
h
t
n
i
0
o
t
7
s
ti
b
r
e
t
s
i
g
e
r
)
3
(
a
t
a
D
d
e
v
i
e
c
e
R
g
n
i
d
a
e
Rd
a
e
r
s
i
s
u
t
a
t
s
r
e
t
s
i
g
e
r
B
R
i
U
e
h
T
B
R
i
U
e
h
t
n
i
0
o
t
6
s
t
i
B
s
t
r
e
t
s
i
g
e
r
)
4
(
7
t
i
b
s
a
d
a
e
r
e
r
a
B
R
i
U
e
h
t
n
i
8
t
i
B
.
1
o
t
0
t
i
b
s
a
d
a
e
r
s
i
r
e
t
s
i
g
e
r
Table 17.14 I2C Mode Functions
i=0 to 4
NOTES:
1. Use the following procedure to change what causes an interrupt to be generated.
(a) Disable interrupt of corresponding interrupt number.
(b) Change what causes an interrupt to be generated.
(c) Set the IR bit of a corresponding interrupt number to "0" (no interrupt requested).
(d) Set the ILVL2 to ILVL0 bits of a corresponding interrupt number.
2. Set default value of the SDAi output when the SMD2 to SMD0 bits in the UiMR register are set to "0002"
(serial I/O disabled).
3. Second data transfer to the UiRB register (on the rising edge of the ninth bit of SCLi).
4. First data transfer to the UiRB register (on the falling edge of the ninth bit of SCLi).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com