Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 232Page - Renesas Technology Corp M32C/86T Datasheet HTML 233Page - Renesas Technology Corp M32C/86T Datasheet HTML 234Page - Renesas Technology Corp M32C/86T Datasheet HTML 235Page - Renesas Technology Corp M32C/86T Datasheet HTML 236Page - Renesas Technology Corp M32C/86T Datasheet HTML 237Page - Renesas Technology Corp M32C/86T Datasheet HTML 238Page - Renesas Technology Corp M32C/86T Datasheet HTML 239Page - Renesas Technology Corp M32C/86T Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 505 page
background image
Page 213
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.18 STSPSEL Bit Function
SDAi
Start condition detect
interrupt
Stop condition detect
interrupt
(1) In slave mode,
The CKDIR bit is set to "1" (external clock)
The STSPSEL bit is set to "0" (no start condition and stop condition output)
SCLi
SDAi
Start condition detect
interrupt
Stop condition detect
interrupt
SCLi
The STPREQ
bit is set to "1"
(start)
The STPREQ
bit is set to "1"
(start)
(2) In master mode,
The CKDIR bit is set to "0" (internal clock)
The STSPSEL bit is set to "1" (start condition and stop condition output)
0
1
0
0
1
Setting value of
the STSPEL bit
i=0 to 4
Figure 17.22 STSPSEL Bit Function
n
o
i
t
c
n
u
F0
=
L
E
S
P
S
T
S1
=
L
E
S
P
S
T
S
p
o
t
s
d
n
a
n
o
i
t
i
d
n
o
c
t
r
a
t
S
t
u
p
t
u
o
n
o
i
t
i
d
n
o
c
e
h
t
w
o
h
s
e
n
i
m
r
e
t
e
d
s
t
r
o
p
h
t
i
w
m
a
r
g
o
r
P
t
u
p
t
u
o
n
o
i
t
i
d
n
o
c
p
o
t
s
r
o
n
o
i
t
i
d
n
o
c
t
r
a
t
s
d
e
d
i
v
o
r
p
s
i
d
n
a
t
i
b
Q
E
R
A
T
S
R
,
t
i
b
Q
E
R
A
T
S
e
h
T
t
r
a
t
s
e
h
t
w
o
h
e
n
i
m
r
e
t
e
d
t
i
b
Q
E
R
P
T
S
t
u
p
t
u
o
n
o
i
t
i
d
n
o
c
p
o
t
s
r
o
n
o
i
t
i
d
n
o
cs
i
d
e
d
i
v
o
r
p
t
r
a
t
s
e
t
a
r
e
n
e
g
o
t
g
n
i
m
i
T
n
o
i
t
i
d
n
o
c
p
o
t
s
d
n
a
n
o
i
t
i
d
n
o
c
t
s
e
u
q
e
r
t
p
u
r
r
e
t
n
is
n
o
i
t
i
d
n
o
c
p
o
t
s
d
n
a
n
o
i
t
i
d
n
o
c
t
r
a
t
s
e
h
T
d
e
t
c
e
t
e
d
e
r
a
n
o
i
t
i
d
n
o
c
p
o
t
s
d
n
a
n
o
i
t
i
d
n
o
c
t
r
a
t
S
d
e
t
e
l
p
m
o
c
e
r
a
n
o
i
t
a
r
e
n
e
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com