Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 235Page - Renesas Technology Corp M32C/86T Datasheet HTML 236Page - Renesas Technology Corp M32C/86T Datasheet HTML 237Page - Renesas Technology Corp M32C/86T Datasheet HTML 238Page - Renesas Technology Corp M32C/86T Datasheet HTML 239Page - Renesas Technology Corp M32C/86T Datasheet HTML 240Page - Renesas Technology Corp M32C/86T Datasheet HTML 241Page - Renesas Technology Corp M32C/86T Datasheet HTML 242Page - Renesas Technology Corp M32C/86T Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 505 page
background image
Page 216
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.4 Special Mode 2
In special mode 2, serial communication between one or multiple masters and multiple slaves is available.
_____
The SSi input pin (i=0 to 4) controls the serial bus communication. Table 17.19 lists specifications of special
mode 2. Table 17.20 lists register settings. Tables 17.21 to 17.23 list pin settings.
Table 17.19 Special Mode 2 Specifications
Item
Specification
Transfer Data Format
Transfer data : 8 bits long
Transfer Clock
• The CKDIR bit in the UiMR register (i=0 to 4) is set to "0" (internal clock selected):
fj/2(m+1) fj = f1, f8, f2n(1)
m : setting value of the UiBRG register, 0016 to FF16
• The CKDIR bit to "1" (external clock selected) : input from the CLKi pin
Transmit/Receive Control
______
SSi input pin function
Transmit Start Condition To start transmitting, the following requirements must be met(2):
- Set the TE bit in the UiC1 register to "1" (transmit enable)
- Set the TI bit in the UiC1 register to "0" (data in the UiTB register)
Receive Start Condition To start receiving, the following requirement must be met(2):
- Set the RE bit in the UiC1 register to "1" (receive enable)
- Set the TE bit in the UiC1 register to "1" (transmit enable)
- Set the TI bit in the UiC1 register to "0" (data in the UiTB register)
Interrupt Request
• While transmitting, the following conditions can be selected:
Generation Timing
- The UiIRS bit in the UiC1 register is set to "0" (no data in a transmit buffer) :
when data is transferred from the UiTB register to the UARTi transmit register (transmission started)
- The UiIRS register is set to "1" (transmission completed):
when data transmission from UARTi transfer register is completed
• While receiving
When data is transferred from the UARTi receive register to the UiRB register (reception completed)
Error Detection
• Overrun error(3)
This error occurs when the seventh bit of the next received data is read before reading
the UiRB register
• Fault error
______
In master mode, the fault error occurs an "L" signal is applied to the SSi pin
Selectable Function
• CLK polarity
Select from the rising edge or falling edge of the transfer clock when transferred data
is output and input are provided
• LSB first or MSB first
Data is transmitted or received in either bit 0 or in bit 7
• Continuous receive mode
Reception is enabled simultaneously by reading the UiRB register
• Serial data logic inverse
This function inverses transmitted or received data logically
• TxD and RxD I/O polarity inverse
TxD pin output and RxD pin input are inversed. All I/O data levels are also inversed
• Clock phase
Select from one of 4 combinations of transfer data polarity and phases
_____
• SSi input pin function
Output pin is placed in a high-impedance state to avoid data conflict between master
and other masters or slaves
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
2. To start transmission/reception when selecting the external clock, these conditions must be met after the
CKPOL bit in the UiC0 register is set to "0" (data is transmitted on the falling edge of the transfer clock and data
is received on the rising edge) and the CLKi pin is held high ("H"), or when the CKPOL bit is set to "1" (Data is
transmitted on the rising edge of the transfer clock and data is received on the falling edge) and the CLKi pin is
held low ("L").
3. If an overrun error occurs, the UiRB register is in an indeterminate state. The IR bit in the SiRIC register does not
change to "1" (interrupt requested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com