Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 239Page - Renesas Technology Corp M32C/86T Datasheet HTML 240Page - Renesas Technology Corp M32C/86T Datasheet HTML 241Page - Renesas Technology Corp M32C/86T Datasheet HTML 242Page - Renesas Technology Corp M32C/86T Datasheet HTML 243Page - Renesas Technology Corp M32C/86T Datasheet HTML 244Page - Renesas Technology Corp M32C/86T Datasheet HTML 245Page - Renesas Technology Corp M32C/86T Datasheet HTML 246Page - Renesas Technology Corp M32C/86T Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 505 page
background image
Page 220
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.4.2 Clock Phase Setting Function
The CKPH bit in the UiSMR3 register (i=0 to 4) and the CKPOL bit in the UiC0 register select one of four
combinations of transfer clock polarity and phases.
The transfer clock phase and polarity must be the same between the master and the slave involved in the
transfer.
17.4.2.1 When setting the DINC Bit to "0" (Master (Internal Clock))
Figure 17.24 shows transmit and receive timing.
17.4.2.2 When Setting the DINC Bit to "1" (Slave (External Clock))
_____
When the CKPH bit is set to "0" (no clock delay) and the SSi input pin is held high ("H"), the STxDi pin
_____
is placed in a high-impedance state. When the SSi input pin becomes low ("L"), conditions to start a
serial transfer are met, but output is indeterminate. The serial transmission is synchronized with the
transfer clock. Figure 17.25 shows the transmit and receive timing.
_____
When the CKPH bit is set to "1" (clock delay) and the SSi input pin is held high, the STxDi pin is placed
_____
in a high-impedance state. When the SSi pin becomes low, the first data is output. The serial transmis-
sion is synchronized with the transfer clock. Figure 17.26 shows the transmit and receive timing.
Figure 17.24 Transmit and Receive Timing in Master Mode (Internal Clock)
Signal Applied to
the SS Pin
Data Output Timing
Data Input Timing
D0
D1
D2
D3
D4
D6
D7
D5
"H"
"L"
Clock Output
(CKPOL=0, CKPH=0)
"H"
"L"
Clock Output
(CKPOL=1, CKPH=0)
"H"
"L"
Clock Output
(CKPOL=0, CKPH=1)
"H"
"L"
Clock Output
(CKPOL=1, CKPH=1)
"H"
"L"
"H"
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com