Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 273Page - Renesas Technology Corp M32C/86T Datasheet HTML 274Page - Renesas Technology Corp M32C/86T Datasheet HTML 275Page - Renesas Technology Corp M32C/86T Datasheet HTML 276Page - Renesas Technology Corp M32C/86T Datasheet HTML 277Page - Renesas Technology Corp M32C/86T Datasheet HTML 278Page - Renesas Technology Corp M32C/86T Datasheet HTML 279Page - Renesas Technology Corp M32C/86T Datasheet HTML 280Page - Renesas Technology Corp M32C/86T Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 505 page
background image
Page 254
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
19. D/A Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
19. D/A Converter
The D/A converter consists of two separate 8-bit R-2R ladder D/A converters.
Digital code is converted to an analog voltage when a value is written to the corresponding DAi registers
(i=0,1). The DAiE bit in the DACON register determines whether the D/A conversion result output is pro-
vided or not. Set the DAiE bit to "1" (output enabled) to disable a pull-up of a corresponding port.
Output analog voltage (
V) is calculated from value n (n=decimal) set in the DAi register.
V =
(
n = 0 to 255)
VREF : reference voltage (not related to VCUT bit setting in the AD0CON1 register)
Table 19.1 lists specifications of the D/A converter. Table 19.2 lists the DA0 and DA1 pin settings. Figure
19.1 shows a block diagram of the D/A converter. Figure 19.2 shows the D/A control register. Figure 19.3
shows a D/A converter equivalent circuit.
When the D/A converter is not used, set the DAi register to "0016" and the DAiE bit to "0" (output disabled).
Table 19.1 D/A Converter Specifications
Item
Specification
D/A Conversion Method
R-2R
Resolution
8 bits
Analog Output Pin
2 channels
Table 19.2 Pin Settings
Port
Function
Bit and Setting
PD9 Register(1)
PS3 Register(1)
PSL3 Register
P93
DA0 output
PD9_3=0
PS3_3=0
PSL3_3=1
P94
DA1 output
PD9_4=0
PS3_4=0
PSL3_4=1
NOTES:
1. Set the PD9 and PS3 registers immediately after the PRC2 bit in the PRCR register is set to "1" (write
enable). Do not generate an interrupt or a DMA transfer between the instruction to set the PRC2 bit to "1"
and the instruction to set the PD9 and PS3 registers.
VREF x
n
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com