Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 270Page - Renesas Technology Corp M32C/86T Datasheet HTML 271Page - Renesas Technology Corp M32C/86T Datasheet HTML 272Page - Renesas Technology Corp M32C/86T Datasheet HTML 273Page - Renesas Technology Corp M32C/86T Datasheet HTML 274Page - Renesas Technology Corp M32C/86T Datasheet HTML 275Page - Renesas Technology Corp M32C/86T Datasheet HTML 276Page - Renesas Technology Corp M32C/86T Datasheet HTML 277Page - Renesas Technology Corp M32C/86T Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 505 page
background image
Page 251
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.2.5 Extended Analog Input Pins
In one-shot mode and repeat mode, the ANEX0 and ANEX1 pins can be used as analog input pins. The
OPA1 and OPA0 bits in the AD0CON1 register select which pins to use as analog input pins. An A/D
conversion result for the ANEX0 pin is stored into the AD00 register. The result for the ANEX1 pin is
stored into the AD01 register, but is stored into the AD00 register when the DUS bit in the AD0CON3
register is set to "1" (DMAC operating mode enabled).
Set the APS1 and APS0 bits in the AD0CON2 register to "002" (AN0 to AN7, ANEX0, ANEX1) and the
MSS bit in the AD0CON3 register to "0" (multi-port sweep mode disabled).
18.2.6 External Operating Amplifier (Op-Amp) Connection Mode
In external op-amp connection mode, multiple analog voltage can be amplified by one external op-amp
using extended analog input pins ANEX0 and ANEX1.
When the OPA1 and OPA0 bits in the AD0CON1 register are set to "112" (external op-amp connection),
voltage applied to the AN0 to AN7 pins are output from ANEX0. Amplify this output signal by an external
op-amp and apply it to ANEX1.
Analog voltage applied to ANEX1 is converted to a digital code and the A/D conversion result is stored
into the corresponding AD0j register (j=0 to 7). A/D conversion rate varies depending on the response of
the external op-amp. The ANEX0 pin cannot be connected to the ANEX1 pin directly.
Set the APS1 and APS0 bits in the AD0CON2 register to "002" (AN0 to AN7, ANEX0, ANEX1).
Figure 18.7 shows an example of an external op-amp connection.
Table 18.10 Extended Analog Input Pin Settings
AD0CON1 Register
ANEX0 Function
ANEX1 Function
OPA1 Bit
OPA0 Bit
0
0
Not used
Not used
0
1
P95 as an analog input
Not used
1
0
Not used
P96 as an analog input
1
1
Output to an external op-amp
Input from an external op-amp
AN0
AN7
AN1
AN2
AN3
AN4
AN5
AN6
ANEX1
ANEX0
Resistor ladder
Successive conversion register
Analog
input
External op-amp
Comparator 0
002
APS1 and APS0 bits
in AD0CON2 register
Figure 18.7 External Op-Amp Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com