Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 267Page - Renesas Technology Corp M32C/86T Datasheet HTML 268Page - Renesas Technology Corp M32C/86T Datasheet HTML 269Page - Renesas Technology Corp M32C/86T Datasheet HTML 270Page - Renesas Technology Corp M32C/86T Datasheet HTML 271Page - Renesas Technology Corp M32C/86T Datasheet HTML 272Page - Renesas Technology Corp M32C/86T Datasheet HTML 273Page - Renesas Technology Corp M32C/86T Datasheet HTML 274Page - Renesas Technology Corp M32C/86T Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 505 page
background image
Page 248
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.1.6 Multi-Port Single Sweep Mode
In multi-port single sweep mode, analog voltage applied to 16 selected pins is converted one-by-one to a
digital code. Set the DUS bit in the AD0CON3 register to "1" (DMAC operating mode enabled). Table
18.7 lists specifications of multi-port single sweep mode.
Table 18.7 Multi-Port Single Sweep Mode Specifications
Item
Specification
Function
The MPS11 and MPS10 bits in the AD0CON4 register select 16 pins. Analog
voltage applied to 16 pins is converted one-by-one to a digital code in the following
order: AN0 to AN7
ANi0 to ANi7 (i=0, 2, 15)
e.g., When the MPS11 and MPS10 bits are set to "102" (AN0 to AN7, AN00 to
AN07), analog voltage is converted to a digital code in the following order:
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN00
AN01
.......
AN06
AN07
Start Condition
Same as one-shot mode
Stop Condition
The ADST bit in the AD0CON0 register is set to "0" (A/D conversion stopped) by
program
Interrupt Request Generation Timing An interrupt request is generated every time A/D conversion is completed
(Set the DUS bit to "1")
Analog Voltage Input Pins
Select from AN0 to AN7
AN150 to AN157, AN0 to AN7
AN00 to AN07 or AN0 to
AN7
AN20 to AN27
Reading of A/D Conversion Result Do not read the AD00 register. A/D conversion result is stored in the AD00 regis-
ter after the A/D conversion is completed. DMAC transfers the conversion result
to any memory space. Refer to 13. DMAC for DMAC settings
(Set the DUS bit to "1")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com