Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 264Page - Renesas Technology Corp M32C/86T Datasheet HTML 265Page - Renesas Technology Corp M32C/86T Datasheet HTML 266Page - Renesas Technology Corp M32C/86T Datasheet HTML 267Page - Renesas Technology Corp M32C/86T Datasheet HTML 268Page - Renesas Technology Corp M32C/86T Datasheet HTML 269Page - Renesas Technology Corp M32C/86T Datasheet HTML 270Page - Renesas Technology Corp M32C/86T Datasheet HTML 271Page - Renesas Technology Corp M32C/86T Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 505 page
background image
Page 245
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.1.3 Single Sweep Mode
In single sweep mode, analog voltage that is applied to selected pins is converted one-by-one to a digital
code. Table 18.4 lists specifications of single sweep mode.
Table 18.4 Single Sweep Mode Specifications
Item
Specification
Function
The SCAN1 and SCAN0 bits in the AD0CON1 register and the APS1 and APS0
bits in the AD0CON2 register select pins. Analog voltage applied to the pin is
converted one-by-one to a digital code
Start Condition
Same as one-shot mode
Stop Condition
Same as one-shot mode
Interrupt Request Generation Timing • When the DUS bit in the AD0CON3 register is set to "0" (DMAC operating
mode disabled), an interrupt request is generated after a sweep is completed.
• When DUS bit is set to "1" (DMAC operating mode enabled), an interrupt
request is generated every time an A/D conversion is completed
Analog Voltage Input Pins
Select from ANi0 and ANi1 (2 pins) (i=none, 0, 2, 15), ANi0 to ANi3 (4 pins), ANi0 to
ANi5 (6 pins) or ANi0 to ANi7 (8 pins)
Reading of A/D Conversion Result • When the DUS bit is set to "0", the microcomputer reads the AD0j register corre-
sponding to selected pins
• When DUS bit is set to "1", do not read the AD00 register. A/D conversion result
is stored in the AD00 register after the A/D conversion is completed. DMAC
transfers the conversion result to any memory space. Refer to 13. DMAC for
DMAC settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com