Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 262Page - Renesas Technology Corp M32C/86T Datasheet HTML 263Page - Renesas Technology Corp M32C/86T Datasheet HTML 264Page - Renesas Technology Corp M32C/86T Datasheet HTML 265Page - Renesas Technology Corp M32C/86T Datasheet HTML 266Page - Renesas Technology Corp M32C/86T Datasheet HTML 267Page - Renesas Technology Corp M32C/86T Datasheet HTML 268Page - Renesas Technology Corp M32C/86T Datasheet HTML 269Page - Renesas Technology Corp M32C/86T Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 505 page
background image
Page 243
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.1 Mode Description
18.1.1 One-shot Mode
In one-shot mode, analog voltage applied to a selected pin is converted to a digital code once. Table 18.2
lists specifications of one-shot mode.
Table 18.2 One-shot Mode Specifications
Item
Specification
Function
The CH2 to CH0 bits in the AD0CON0 register, the OPA1 and OPA0 bits in the
AD0CON1 register and the APS1 and APS0 bits in the AD0CON2 register select a
pin. Analog voltage applied to the pin is converted to a digital code once
Start Condition
• When the TRG bit in the AD0CON0 register is set to "0" (software trigger),
the ADST bit in the AD0CON0 register is set to "1" (A/D conversion starts) by
program
• When the TRG bit is set to "1" (external trigger, hardware trigger):
__________
- a falling edge is applied to the ADTRG pin after the ADST bit is set to "1" by
program
- The timer B2 interrupt request of three-phase motor control timer functions
(after the ICTB2 register counter completes counting) is generated after the
ADST bit is set to "1" by program
Stop Condition
• A/D conversion is completed (the ADST bit is set to "0" when the software trigger is
selected)
• The ADST bit is set to "0" (A/D conversion stopped) by program
Interrupt Request Generation Timing A/D conversion is completed
Analog Voltage Input Pins
Select one pin from ANi0 to ANi7 (i=none, 0, 2, 15), ANEX0 or ANEX1
Reading of A/D Conversion Result • When the DUS bit in the AD0CON3 register is set to "0" (DMAC operating
mode disabled), the microcomputer reads the AD0j register (j=0 to 7) corre-
sponding to selected pin
• When the DUS bit is set to "1" (DMAC operating mode enabled), do not read the
AD00 register. A/D conversion result is stored in the AD00 register after the A/D
conversion is completed. DMAC transfers the conversion result to any memory
space. Refer to 13. DMAC for DMAC settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com