Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 258Page - Renesas Technology Corp M32C/86T Datasheet HTML 259Page - Renesas Technology Corp M32C/86T Datasheet HTML 260Page - Renesas Technology Corp M32C/86T Datasheet HTML 261Page - Renesas Technology Corp M32C/86T Datasheet HTML 262Page - Renesas Technology Corp M32C/86T Datasheet HTML 263Page - Renesas Technology Corp M32C/86T Datasheet HTML 264Page - Renesas Technology Corp M32C/86T Datasheet HTML 265Page - Renesas Technology Corp M32C/86T Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 505 page
background image
Page 239
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 18.3 AD0CON1 Register
Function
A/D0 Control Register 1(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
AD0CON1
039716
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
SCAN0
SCAN1
MD2
A/D Sweep Pin
Select Bit(2, 10)
(i=none, 0, 2, 15)
Single sweep mode and repeat sweep mode 0
BITS
CKS1
VCUT
OPA1
OPA0
8/10-Bit Mode
Select Bit
External Op-Amp
Connection Mode
Bit(7, 9)
0 : No VREF connection(11)
1 : VREF connection
0 0 : ANEX0 and ANEX1 are not used(8)
0 1 : Signal into ANEX0 is A/D converted
1 0 : Signal into ANEX1 is A/D converted
1 1 : External op-amp connection mode
VREF Connection
Bit
(Note 6)
0 : 8-bit mode
1 : 10-bit mode
A/D Operating
Mode Select Bit 1
0 0 : ANi0, ANi1
0 1 : ANi0 to ANi3
1 0 : ANi0 to ANi5
1 1 : ANi0 to ANi7
0 : Any mode other than repeat sweep mode 1
1 : Repeat sweep mode 1(5)
Frequency Select
Bit
b0
Repeat sweep mode 1(3)
0 0 : ANi0
0 1 : ANi0, ANi1
1 0 : ANi0 to ANi2
1 1 : ANi0 to ANi3
b0
b1
b1
b0
b1
b6
b7
NOTES:
1. When the AD0CON1 register is rewritten during the A/D conversion, the conversion result is
indeterminate.
2. The SCAN1 and SCAN0 bit settings are disabled in single sweep mode, repeat sweep mode 0, repeat
sweep mode 1, mutli-port single sweep mode and multi-port repeat sweep mode 0.
3. This pin is commonly used in the A/D conversion when the MD2 bit is set to "1".
4. In multi-port single sweep mode or multi-port repeat sweep mode 0, do not set the SCAN1 and
SCAN0 bits to any setting other than "112".
5. When the MSS bit in the AD0CON3 register is set to "1" (multi-port sweep mode enabled), set the
MD2 bit to "0".
6. Refer to the note for the CKS0 bit in the AD0CON0 register.
7. In one-shot mode and repeat mode, the OPA1 and OPA0 bits can be set to "012" or "102" only. Do not
set the OPA0 and OPA1 bits to "012" or "102" in other modes.
8. To set the OPA1 and OPA0 bits to "002", set the PSL3_5 bit in PSL3 register to "0" (other than
ANEX0) and the PSL3_6 bit to "0" (other than ANEX1).
9. When the MSS bit is set to "1", set the OPA1 and OPA0 bits to "002".
10. AVCC=VREF=VCC, AD input voltage (for AN0 to AN7, AN00 to AN07, AN20 to AM27, AN150 to AN157,
ANEX0, ANEX1)
≤ VCC.
11. Do not set the VCUT bit to "0" during the A/D conversion.
VREF is a reference voltage for AD0 only. The VCUT bit setting does not affect the VREF performance
of the D/A converter.
Multi-port single sweep mode and
multi-port repeat sweep mode 0(4)
1 1 : ANi0 to ANi7
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com