Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 255Page - Renesas Technology Corp M32C/86T Datasheet HTML 256Page - Renesas Technology Corp M32C/86T Datasheet HTML 257Page - Renesas Technology Corp M32C/86T Datasheet HTML 258Page - Renesas Technology Corp M32C/86T Datasheet HTML 259Page - Renesas Technology Corp M32C/86T Datasheet HTML 260Page - Renesas Technology Corp M32C/86T Datasheet HTML 261Page - Renesas Technology Corp M32C/86T Datasheet HTML 262Page - Renesas Technology Corp M32C/86T Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 505 page
background image
Page 236
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18. A/D Converter
The A/D converter consists of one 10-bit successive approximation A/D converter with a capacitive cou-
pling amplifier.
The result of an A/D conversion is stored into the A/D registers corresponding to selected pins. It is stored
into the AD00 register only when DMAC operating mode is entered.
Table 18.1 lists specifications of the A/D converter. Figure 18.1 shows a block diagram of the
A/D converter. Figures 18.2 to 18.6 show registers associated with the A/D converter.
Table 18.1 A/D Converter Specifications
Item
Specification
A/D Conversion Method
Successive approximation (with a capacitive coupling amplifier)
Analog Input Voltage(1)
0V to AVCC (VCC)
Operating Clock, ØAD(2)
fAD, fAD/2, fAD/3, fAD/4, fAD/6, fAD/8
Resolution
Select from 8 bits or 10 bits
Operating Mode
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0,
repeat sweep mode 1, multi-port single sweep mode, multi-port repeat sweep
mode 0
Analog Input Pins(3)
34 pins
8 pins each for AN (AN0 to AN7), AN0 (AN00 to AN07), AN2 (AN20 to AN27),
AN15 (AN150 to AN157)
2 extended input pins (ANEX0 and ANEX1)
A/D Conversion Start Condition
• Software trigger
The ADST bit in the AD0CON0 register is set to "1" (A/D conversion started) by
program
• External trigger (re-trigger is enabled)
__________
When a falling edge is applied to the ADTRG pin after the ADST bit is set to "1" by
program
• Hardware trigger (re-trigger is enabled)
The timer B2 interrupt request of the three-phase motor control timer functions
(after the ICTB2 counter completes counting) is generated after the ADST bit is
set to "1" by program
Conversion Rate Per Pin
• Without the sample and hold function
8-bit resolution : 49 ØAD cycles
10-bit resolution : 59 ØAD cycles
• With the sample and hold function
8-bit resolution : 28 ØAD cycles
10-bit resolution : 33 ØAD cycles
NOTES:
1. Analog input voltage is not affected by the sample and hold function status.
2. ØAD frequency must be under 16 MHz when VCC=5V.
Without the sample and hold function, the ØAD frequency is 250 kHz or more.
With the sample and hold function, the ØAD frequency is 1 MHz or more.
3. AVCC = VREF = VCC, A/D input voltage (for AN0 to AN7, AN00 to AN07, AN20 to AN27, AN150 to AN157, ANEX0
and ANEX1)
≤ VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com