Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 257Page - Renesas Technology Corp M32C/86T Datasheet HTML 258Page - Renesas Technology Corp M32C/86T Datasheet HTML 259Page - Renesas Technology Corp M32C/86T Datasheet HTML 260Page - Renesas Technology Corp M32C/86T Datasheet HTML 261Page - Renesas Technology Corp M32C/86T Datasheet HTML 262Page - Renesas Technology Corp M32C/86T Datasheet HTML 263Page - Renesas Technology Corp M32C/86T Datasheet HTML 264Page - Renesas Technology Corp M32C/86T Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 505 page
background image
Page 238
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 18.2 AD0CON0 Register
Function
A/D0 Control Register 0(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
AD0CON0
039616
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
CH0
CH1
CH2
Analog Input Pin
Select Bit(2, 3, 8, 9)
(i=none, 0, 2, 15)
MD0
MD1
TRG
CKS0
ADST
A/D Operating Mode
Select Bit 0(2, 6, 7)
A/D Conversion
Start Flag
Trigger Select Bit
Frequency Select
Bit
0 : Software trigger
1 : External trigger, hardware trigger(4)
0 : A/D conversion stops
1 : A/D conversion starts(4)
(Note 5)
0 0 : One-shot mode
0 1 : Repeat mode
1 0 : Single sweep mode
1 1 : Repeat sweep mode 0 or 1
b1b0
0 0 0 : ANi0
0 0 1 : ANi1
0 1 0 : ANi2
0 1 1 : ANi3
1 0 0 : ANi4
1 0 1 : ANi5
1 1 0 : ANi6
1 1 1 : ANi7
b2
b3
b4
NOTES:
1. When the AD0CON0 register is rewritten during the A/D conversion, the conversion result is
indeterminate.
2. Analog input pins must be set again after changing an A/D operating mode.
3. The CH2 to CH0 bit settings are enabled in one-shot mode and repeat mode.
4. To set the TRG bit to "1", select the cause of trigger by setting the TRG0 bit in the AD0CON2 register.
Then set the ADST bit to "1" after the TRG bit is set to "1".
5.
AD
frequency must be under 16 MHz when VCC=5V.
Combination of the CKS0, CKS1 and CKS2 bits selects
AD
.
6. When the MSS bit in the AD0CON3 register is set to "1" (multi-port sweep mode enabled), set the
MD1 and MD0 bits to "102" to enter multi-port single sweep mode and to "112" to enter multi-port
repeat sweep mode 0.
7. When the MSS bit is set to "1", the MD1 and MD0 bits cannot be set to "002" or "012".
8. AVCC=VREF=VCC, AD input voltage (for AN0 to AN7, AN00 to AN07, AN20 to AM27, AN150 to AN157,
ANEX0, ANEX1)
≤ VCC.
9. Set the PSC_7 bit in the PSC register to "1" to use the P10 pin as an analog input pin.
The CKS0 Bit in the
AD0CON0 Register
The CKS1 Bit in the
AD0CON1 Register
AD
The CKS2 Bit in the
AD0CON3 Register
0
1
0
1
0
0
1
0
1
0
1
fAD
divided by 4
fAD
divided by 3
fAD
divided by 2
fAD
fAD
divided by 8
fAD
divided by 6
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com