Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
AD9520-1
Rev. 0 | Page 28 of 84
THEORY OF OPERATION
OPERATIONAL CONFIGURATIONS
The AD9520 can be configured in several ways. These
configurations must be set up by loading the control registers
(see Table 49 to Table 60). Each section or function must be
individually programmed by setting the appropriate bits in the
corresponding control register or registers. When the desired
configuration is programmed, the user can store these values in
the on-board EEPROM to allow the part to power up in the
desired configuration without user intervention.
Mode 0: Internal VCO and Clock Distribution
When using the internal VCO and PLL, the VCO divider must
be employed to ensure that the frequency presented to the channel
dividers does not exceed its specified maximum frequency (see
Table 3). The internal PLL uses an external loop filter to set the
loop bandwidth. The external loop filter is also crucial to the
loop stability.
When using the internal VCO, it is necessary to calibrate the
VCO (0x018[0]) to ensure optimal performance.
For internal VCO and clock distribution applications, the
register settings shown in Table 22 should be used.
Table 22. Settings When Using Internal VCO
Register
Description
0x010[1:0] = 00b
PLL normal operation (PLL on)
0x010 to 0x01E
PLL settings; select and enable a reference
input; set R, N (P, A, B), PFD polarity, and ICP
according to the intended loop configuration
0x1E1[1] = 1b
VCO selected as the source
0x01C[2:0]
Enable reference inputs
0x1E0[2:0]
Set VCO divider
0x1E1[0] = 0b
Use the VCO divider as the source for the
distribution section
0x018[0] = 0b
0x232[0] = 1b
Reset VCO calibration and issue IO_UPDATE
(not necessary for the first time after power-
up but must be done subsequently)
0x018[0] = 1b
0x232[0] = 1b
Initiate VCO calibration, issue IO_UPDATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com