Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
AD9520-1
Rev. 0 | Page 31 of 84
PROGRAMMABLE
N DELAY
REFIN
CLK
CLK
REF1
REF2
BUF
AMP
AD9520
STATUS
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
BYPASS
LF
LOW DROPOUT
REGULATOR (LDO)
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
PD
SYNC
REFIN
RESET
EEPROM
DIGITAL
LOGIC
EEPROM
DIVIDE BY
1 TO 32
OUT0
OUT0
OUT1
OUT1
OUT2
OUT2
DIVIDE BY
1 TO 32
OUT3
OUT3
OUT4
OUT4
OUT5
OUT5
DIVIDE BY
1 TO 32
OUT6
OUT6
OUT7
OUT7
OUT8
OUT8
DIVIDE BY
1 TO 32
OUT9
OUT9
OUT10
OUT10
OUT11
OUT11
ZERO DELAY BLOCK
STATUS
STATUS
SP1
SP0
SPI
INTERFACE
I2C
INTERFACE
SCLK/SCL
SDIO/SDA
SDO
CS
SERIAL
PORT
DECODE
VS_DRV
OPTIONAL
Figure 38. Clock Distribution or External VCO < 1600 MHz (Mode 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com