Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
AD9520-1
Rev. 0 | Page 78 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
197
[6]
Divider 2 ignore SYNC
Ignore SYNC.
[6] = 0; obey chip-level SYNC signal (default).
[6] = 1; ignore chip-level SYNC signal.
197
[5]
Divider 2 force high
Forces divider output to high. This requires that ignore SYNC also be set.
[5] = 0; divider output forced to low (default).
[5] = 1; divider output forced to high.
197
[4]
Divider 2 start high
Selects clock output to start high or start low.
[4] = 0; start low (default).
[4] = 1; start high.
197
[3:0]
Divider 2 phase offset
Phase offset(default: 0x0).
198
[2]
Channel 2 power-down
Channel 2 powers down.
[2] = 0; normal operation (default).
[2] = 1; powered down. (OUT6/OUT6, OUT7/OUT7, and OUT8/OUT8 are put into safe power-
down mode by setting this bit.)
198
[1]
Channel 2 direct-to-output
Connects OUT6, OUT7, and OUT8 to Divider 2 or directly to VCO or CLK.
[1] = 0; OUT6, OUT7, and OUT8 are connected to Divider 2 (default).
[1] = 1:
If 0x1E1[1:0] = 10b, the VCO is routed directly to OUT6, OUT7, and OUT8.
If 0x1E1[1:0] = 00b, the CLK is routed directly to OUT6, OUT7, and OUT8.
If 0x1E1[1:0] = 01b, there is no effect.
198
[0]
Disable Divider 2 DCC
Duty-cycle correction function.
[0] = 0; enable duty-cycle correction (default).
[0] = 1; disable duty-cycle correction.
199
[7:4]
Divider 3 low cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
low. A value of 0x0 means the divider is low for one input clock cycle (default: 0x0).
199
[3:0]
Divider 3 high cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
high. A value of 0x0 means the divider is high for one input clock cycle (default: 0x0).
19A
[7]
Divider 3 bypass
Bypasses and powers down the divider; routes input to divider output.
[7] = 0; use divider (default).
[7] = 1; bypass divider.
19A
[6]
Divider 3 ignore SYNC
Ignore SYNC.
[6] = 0; obey chip-level SYNC signal (default).
[6] = 1; ignore chip-level SYNC signal.
19A
[5]
Divider 3 force high
Forces divider output to high. This requires that ignore SYNC also be set.
[5] = 0; divider output forced to low (default).
[5] = 1; divider output forced to high.
19A
[4]
Divider 3 start high
Selects clock output to start high or start low.
[4] = 0; start low (default).
[4] = 1; start high.
19A
[3:0]
Divider 3 phase offset
Phase offset (default: 0x0).
19B
[2]
Channel 3 power-down
Channel 3 powers down.
[2] = 0; normal operation (default).
[2] = 1; powered down. (OUT9/OUT9, OUT10/OUT10, and OUT11/OUT11 are put into safe
power-down mode by setting this bit.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com