Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 82Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 83Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
AD9520-1
Rev. 0 | Page 81 of 84
Table 60. EEPROM Control
Reg.
Addr
(Hex) Bit(s) Name
Description
B00
[0]
STATUS_EEPROM
(read-only)
This read-only register indicates the status of the data transferred between the EEPROM and the buffer
register bank during the writing and reading of the EEPROM. This signal is also available at the STATUS pin
when 0x01D[7] is set.
[0] = 0; data transfer is done.
[0] = 1; data transfer is not done.
B01
[0]
EEPROM
data error
(read-only)
This read-only register indicates an error during the data transferred between the EEPROM and the buffer.
[0] = 0; no error. Data is correct.
[0] = 1; incorrect data detected.
B02
[1]
Soft_EEPROM
When the EEPROM pin is tied low, setting Soft_EEPROM resets the AD9520 using the settings saved in
EEPROM.
[1] = 1; soft reset with EEPROM settings (self-clearing).
B02
[0]
Enable EEPROM
write
Enables the user to write to the EEPROM.
[0] = 0; EEPROM write protection is enabled. User cannot write to EEPROM (default).
[0] = 1; EEPROM write protection is disabled. User can write to EEPROM.
B03
[0]
REG2EEPROM
Transfers data from the buffer register to the EEPROM (self-clearing).
[0] = 1; setting this bit initiates the data transfer from the buffer register to the EEPROM (writing process);
it is reset by the I²C master after the data transfer is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com