Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
AD9520-1
Rev. 0 | Page 25 of 84
–100
–110
–120
–130
–140
–150
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 30. Additive (Residual) Phase Noise, CLK-to-CMOS @
250 MHz, Divide-by-4
–100
–160
–150
–140
–130
–120
–110
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 31. Phase Noise (Absolute) Clock Generation; Internal VCO @
2.458 GHz; PFD = 15.36 MHz; LBW = 40 kHz; LVPECL Output = 122.88 MHz
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 582fs
Figure 32. Phase Noise (Absolute) Clock Cleanup; Internal VCO @ 2.488 GHz;
PFD = 120 kHz; LBW = 1.84 kHz; LVPECL Output = 155.52 MHz
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
–120
–160
–150
–140
–130
Figure 33. Phase Noise (Absolute), External VCXO (Toyocom TCO-2112)
@ 245.76 MHz; PFD = 15.36 MHz; LBW = 250 Hz; LVPECL Output = 245.76 MHz
C2
62pF
C3
33pF
C1
240nF
C12
220nF
BYPASS
CAPACITOR
FOR LDO
R1
820Ω
R2
390Ω
LF
CP
BYPASS
Figure 34. PLL Loop Filter Used for Clock Generation Plot (See Figure 31)
C2
1.5nF
C3
2.2nF
C1
4.7µF
C12
220nF
BYPASS
CAPACITOR
FOR LDO
R1
2.1kΩ
R2
3kΩ
LF
CP
BYPASS
Figure 35. PLL Loop Filter Used for Clock Cleanup Plot (See Figure 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com