Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 52Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
AD9520-1
Rev. 0 | Page 52 of 84
SDA
MSB
ACKNOWLEDGE FROM
SLAVE-RECEIVER
ACKNOWLEDGE FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
Figure 57. Acknowledge Bit
SDA
MSB = 0
ACKNOWLEDGE FROM
SLAVE-RECEIVER
ACKNOWLEDGE FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
Figure 58. Data Transfer Process (Master Write Mode, 2-Byte Transfer Used for Illustration)
SDA
ACKNOWLEDGE FROM
MASTER-RECEIVER
NO ACKNOWLEDGE
FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
MSB = 1
Figure 59. Data Transfer Process (Master Read Mode, 2-Byte Transfer Used for Illustration)
The no acknowledge bit is the ninth bit attached to any 8-bit
data byte. A no acknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the
byte has not been received. It is done by leaving the SDA line
high during the ninth clock pulse after each 8-bit data byte.
Data Transfer Process
The master initiates data transfer by asserting a start condition.
This indicates that a data stream follows. All I2C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first) plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device
(0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other
devices on the bus remain idle while the selected device waits
for data to be read from or written to it. If the R/W bit is 0, the
master (transmitter) writes to the slave device (receiver). If the
R/W bit is 1, the master (receiver) reads from the slave device
(transmitter).
The format for these commands is described in the Data
Transfer Format section.
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (8-bit) from either master (write mode) or
slave (read mode), followed by an acknowledge bit from the
receiving device. The number of bytes that can be transmitted per
transfer is unrestricted. In write mode, the first two data bytes
immediately after the slave address byte are the internal
memory (control registers) address bytes with the high address
byte first. This addressing scheme gives a memory address up to
216 − 1 = 65,535. The data bytes after these two memory address
bytes are register data written into the control registers. In read
mode, the data bytes after the slave address byte are register
data read from the control registers.
When all data bytes are read or written, stop conditions are
established. In write mode, the master (transmitter) asserts a
stop condition to end data transfer during the (10th) clock
pulse following the acknowledge bit for the last data byte from
the slave device (receiver). In read mode, the master device
(receiver) receives the last data byte from the slave device
(transmitter) but does not pull it low during the ninth clock
pulse. This is known as a no acknowledge bit. By receiving the no
acknowledge bit, the slave device knows that the data transfer is
finished and releases the SDA line. The master then takes the
data line low during the low period before the 10th clock pulse
and high during the 10th clock pulse to assert a stop condition.
A repeated start (Sr) condition can be used in place of a stop
condition. Furthermore, a start or stop condition can occur at
any time and partially transferred bytes are discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com