Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 2Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 3Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 4Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 9Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
AD9520-1
Rev. 0 | Page 6 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE OFFSET IN ZERO DELAY
REF refers to REFIN (REF1)/REFIN (REF2)
Phase Offset (REF-to-LVPECL Clock Output
Pins) in Internal Zero Delay Mode
560
1060
1310
ps
When N delay and R delay are bypassed
Phase Offset (REF-to-LVPECL Clock Output
Pins) in Internal Zero Delay Mode
−320
+50
+240
ps
When N delay = Setting 110 and R delay is bypassed
Phase Offset (REF-to-CLK Input Pins) in
External Zero Delay Mode
140
630
870
ps
When N delay and R delay are bypassed
Phase Offset (REF-to-CLK Input Pins) in
External Zero Delay Mode
−460
−20
+200
ps
When N delay = Setting 011 and R delay is bypassed
NOISE CHARACTERISTICS
In-Band Phase Noise of the Charge Pump/
Phase Frequency Detector (In-Band
Means Within the LBW of the PLL)
The PLL in-band phase noise floor is estimated by
measuring the in-band phase noise at the output of
the VCO and subtracting 20 log(N) (where N is the value
of the N divider)
@ 500 kHz PFD Frequency
−165
dBc/Hz
@ 1 MHz PFD Frequency
−162
dBc/Hz
@ 10 MHz PFD Frequency
−152
dBc/Hz
@ 50 MHz PFD Frequency
−144
dBc/Hz
PLL Figure of Merit (FOM)
−222
dBc/Hz
Reference slew rate > 0.5 V/ns; FOM + 10 log(fPFD) is an
approximation of the PFD/CP in-band phase noise (in
the flat region) inside the PLL loop bandwidth; when
running closed-loop, the phase noise, as observed at
the VCO output, is increased by 20 log(N); PLL figure of
merit decreases with decreasing slew rate; see Figure 12
PLL DIGITAL LOCK DETECT WINDOW2
Signal available at the LD, STATUS, and REFMON pins
when selected by appropriate register settings; lock
detect window settings can be varied by changing the
CPRSET resistor
Lock Threshold (Coincidence of Edges)
Selected by 0x017[1:0] and 0x018[4] (this is the threshold
to go from unlock to lock)
Low Range (ABP 1.3 ns, 2.9 ns)
3.5
ns
0x017[1:0] = 00b, 01b, 11b; 0x018[4] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
7.5
ns
0x017[1:0] = 00b, 01b, 11b; 0x018[4] = 0b
High Range (ABP 6.0 ns)
3.5
ns
0x017[1:0] = 10b; 0x018[4] = 0b
Unlock Threshold (Hysteresis)2
Selected by 0x017[1:0] and 0x018[4] (this is the threshold
to go from lock to unlock)
Low Range (ABP 1.3 ns, 2.9 ns)
7
ns
0x017[1:0] = 00b, 01b, 11b; 0x018[4] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
15
ns
0x017[1:0] = 00b, 01b, 11b; 0x018[4] = 0b
High Range (ABP 6.0 ns)
11
ns
0x017[1:0] = 10b; 0x018[4] = 0b
1 The REFIN and REFIN self-bias points are offset slightly to avoid chatter on an open input condition.
2 For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com