Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9520-1/PCBZ Datasheet HTML 1Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 2Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 3Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 4Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
AD9520-1
Rev. 0 | Page 4 of 84
SPECIFICATIONS
Typical (typ) is given for VS = VS_DRV = 3.3 V ± 5%; VS ≤ VCP ≤ 5.25 V; TA = 25°C; RSET = 4.12 kΩ; CPRSET = 5.1 kΩ, unless otherwise
noted. Minimum (min) and maximum (max) values are given over full VS and TA (−40°C to +85°C) variation.
POWER SUPPLY REQUIREMENTS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VS
3.135
3.3
3.465
V
3.3 V ± 5%
VS_DRV
2.375
VS
V
This is nominally 2.5 V to 3.3 V ± 5%
VCP
VS
5.25
V
This is nominally 3.3 V to 5.0 V ± 5%
RSET Pin Resistor
4.12
kΩ
Sets internal biasing currents; connect to ground
CPRSET Pin Resistor
5.1
kΩ
Sets internal CP current range, nominally 4.8 mA (CP_lsb = 600 μA);
actual current can be calculated by CP_lsb = 3.06/CPRSET; connect to ground
BYPASS Pin Capacitor
220
nF
Bypass for internal LDO regulator; necessary for LDO stability; connect to ground
PLL CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON-CHIP)
Frequency Range
2270
2650
MHz
See Figure 13
VCO Gain (KVCO)
50
MHz/V
See Figure 8
Tuning Voltage (VT)
0.5
VCP −
0.5
V
VCP ≤ VS when using internal VCO
Frequency Pushing (Open-Loop)
1
MHz/V
Phase Noise @ 1 kHz Offset
−50
dBc/Hz
f = 2475 MHz
Phase Noise @ 100 kHz Offset
−107
dBc/Hz
f = 2475 MHz
Phase Noise @ 1 MHz Offset
−126
dBc/Hz
f = 2475 MHz
REFERENCE INPUTS
Differential Mode (REFIN, REFIN)
Differential mode (can accommodate single-ended
input by ac grounding undriven input)
Input Frequency
0
250
MHz
Frequencies below about 1 MHz should be dc-coupled;
be careful to match VCM (self-bias voltage)
Input Sensitivity
280
mV p-p
Self-Bias Voltage, REFIN
1.34
1.60
1.75
V
Self-bias voltage of REFIN1
Self-Bias Voltage, REFIN
1.30
1.50
1.60
V
Self-bias voltage of REFIN1
Input Resistance, REFIN
4.0
4.8
5.9
kΩ
Self-biased1
Input Resistance, REFIN
4.4
5.3
6.4
kΩ
Self-biased1
Dual Single-Ended Mode (REF1, REF2)
Two single-ended CMOS-compatible inputs
Input Frequency (AC-Coupled)
with DC Offset Off )
10
250
MHz
Slew rate must be > 50 V/μs
Input Frequency (AC-Coupled
with DC Offset On)
250
MHz
Slew rate must be > 50 V/μs, and input amplitude
sensitivity specification must be met; see input sensitivity
Input Frequency (DC-Coupled)
0
250
MHz
Slew rate > 50 V/μs; CMOS levels
Input Sensitivity (AC-Coupled
with DC Offset Off )
0.55
3.28
V p-p
VIH should not exceed VS
Input Sensitivity (AC-Coupled
with DC Offset On)
1.5
2.78
V p-p
VIH should not exceed VS
Input Logic High, DC Offset Off
2.0
V
Input Logic Low, DC Offset Off
0.8
V
Input Current
−100
+100
μA
Input Capacitance
2
pF
Each pin, REFIN (REF1)/REFIN (REF2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com