Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
AD9520-1
Rev. 0 | Page 47 of 84
The internal VCO has a duty cycle of 50%. Therefore, when the
VCO is connected directly to the output, the duty cycle is 50%.
If the CLK input is routed directly to the output, the duty cycle of
the output is the same as the CLK input.
Phase Offset or Coarse Time Delay
Each channel divider allows for a phase offset, or a coarse time
delay, to be programmed by setting register bits (see Table 39).
These settings determine the number of cycles (successive rising
edges) of the channel divider input frequency by which to offset, or
delay, the rising edge of the output of the divider. This delay is
with respect to a nondelayed output (that is, with a phase offset
of zero). The amount of the delay is set by five bits loaded into
the phase offset (PO) register plus the start high (SH) bit for
each channel divider. When the start high bit is set, the delay is
also affected by the number of low cycles (M) programmed for
the divider.
It is necessary to use the SYNC function to make phase offsets
effective (see the Synchronizing the Outputs— Function
section).
Table 39. Setting Phase Offset and Division
Divider
Start
High (SH)
Phase
Offset (PO)
Low Cycles
M
High Cycles
N
0
0x191[4]
0x191[3:0]
0x190[7:4]
0x190[3:0]
1
0x194[4]
0x194[3:0]
0x193[7:4]
0x193[3:0]
2
0x197[4]
0x197[3:0]
0x196[7:4]
0x196[3:0]
3
0x19A[4]
0x19A[3:0]
0x199[7:4]
0x199[3:0]
Let
Δt = delay (in seconds).
Δc = delay (in cycles of clock signal at input to DX).
TX = period of the clock signal at the input of the divider, DX (in
seconds).
Φ =
16 × SH[4] + 8 × PO[3] + 4 × PO[2] + 2 × PO[1] + 1 × PO[0]
The channel divide by is set as N = high cycles and M = low
cycles.
Case 1
For Φ ≤ 15,
Δt = Φ × TX
Δc = Δt/TX = Φ
Case 2
For Φ ≥ 16,
Δt = (Φ − 16 + M + 1) × TX
Δc = Δt/TX
By giving each divider a different phase offset, output-to-output
delays can be set in increments of the channel divider input
clock cycle. Figure 50 shows the results of setting such a coarse
offset between outputs.
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Tx
DIVIDER 0
DIVIDER 1
DIVIDER 2
CHANNEL
DIVIDER INPUT
SH = 0
PO = 0
SH = 0
PO = 1
SH = 0
PO = 2
1 × Tx
2 × Tx
CHANNEL DIVIDER OUTPUTS
DIV = 4, DUTY = 50%
Figure 50. Effect of Coarse Phase Offset (or Delay)
Synchronizing the Outputs—SYNC Function
The AD9520 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions. These conditions include the
divider ratio and phase offsets for a given channel divider. This
allows the user to specify different divide ratios and phase offsets
for each of the four channel dividers. Releasing the SYNC pin
allows the outputs to continue clocking with the preset conditions
applied.
Synchronization of the outputs is executed in the following ways:
•
The SYNC pin is forced low and then released (manual sync).
•
By setting and then resetting any one of the following three
bits: the soft SYNC bit (0x230[0]), the soft reset bit
(0x000[5] [mirrored]), and the power-down distribution
reference bit (0x230[1]).
•
Synchronization of the outputs can be executed as part of
the chip power-up sequence.
•
The RESET pin is forced low and then released (chip reset).
•
The PD pin is forced low and then released (chip power-down).
•
Whenever a VCO calibration is completed, an internal
SYNC signal is automatically asserted at the beginning and
released upon the completion of a VCO calibration.
The most common way to execute the SYNC function is to use
the SYNC pin to perform a manual synchronization of the outputs.
This requires a low going signal on the SYNC pin, which is held
low and then released when synchronization is desired. The
timing of the SYNC operation is shown in
(using the
VCO divider) and in
(the VCO divider is not used).
There is an uncertainty of up to one cycle of the clock at the
input to the channel divider due to the asynchronous nature of
the SYNC signal with respect to the clock edges inside the
AD9520.
Figure 51
Figure 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com