Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
AD9520-1
Rev. 0 | Page 45 of 84
Either the internal VCO or the CLK can be selected as the
source for the direct-to-output signal routing. To connect the
LVPECL outputs directly to the internal VCO or CLK, the user
must select the VCO divider as the source to the distribution
section, even if no channel uses it.
Table 32. Routing VCO Divider Input Directly to the Outputs
Register Setting
Selection
0x1E1[1:0] = 00b
CLK is the source; VCO divider selected
0x1E1[1:0] = 10b
VCO is the source; VCO divider selected
0x192[1] = 1b
Direct-to-output OUT0, OUT1, OUT2
0x195[1] = 1b
Direct-to-output OUT3, OUT4, OUT5
0x198[1] = 1b
Direct-to-output OUT6, OUT7, OUT8
0x19B[1] = 1b
Direct-to-output OUT9, OUT10, OUT11
Clock Frequency Division
The total frequency division is a combination of the VCO
divider (when used) and the channel divider. When the VCO
divider is used, the total division from the VCO or CLK to the
output is the product of the VCO divider (1, 2, 3, 4, 5, and 6)
and the division of the channel divider. Table 33 indicates how the
frequency division for a channel is set.
Table 33. Frequency Division
CLK or VCO
Selected
VCO
Divider
Setting1
Channel
Divider
Setting
Direct-to-
Output
Setting
Resulting
Frequency
Division
CLK or VCO
input
1 to 6
Don’t
care
Enable
1
CLK or VCO
input
1 to 6
2 to 32
Disable
(1 to 6) ×
(2 to 32)
CLK or VCO
input
2 to 6
Bypass
Disable
(2 to 6) × (1)
CLK or VCO
input
1
Bypass
Disable
Output static
(illegal state)
CLK
(internal
VCO off)
VCO
divider
bypassed
Bypass
Don’t
care
1
CLK
(internal
VCO off)
VCO
divider
bypassed
2 to 32
Don’t
care
2 to 32
1 The bypass VCO divider (0x1E1[0] = 1) is not the same as VCO divider = 1.
The channel dividers feeding the output drivers contain one
2-to-32 frequency divider. This divider provides for division-by-1
to division-by-32. Division-by-1 is accomplished by bypassing
the divider. The dividers also provide for a programmable duty
cycle, with optional duty-cycle correction when the divide ratio
is odd. A phase offset or delay in increments of the input clock
cycle is selectable. The channel dividers operate with a signal at
their inputs up to 1600 MHz. The features and settings of the
dividers are selected by programming the appropriate setup
and control registers (see Table 49 through Table 60).
VCO Divider
The VCO divider provides frequency division between the
internal VCO or the external CLK input and the clock
distribution channel dividers. The VCO divider can be set
to divide by 1, 2, 3, 4, 5, or 6 (see Table 56, 0x1E0[2:0]).
However, when the VCO divider is set to 1, none of the channel
output dividers can be bypassed.
The VCO divider can also be set to static, which is useful for
applications where the only desired output frequency is the
VCO frequency. Making the VCO divider static increases the
wide band spurious-free dynamic range (SFDR). If the VCO
divider is static during VCO calibration, there is no output
signal. Therefore, it is recommended that the user calibrate the
VCO with the VCO divider set to a nonstatic value during VCO
calibration, and then set the VCO divider to static after VCO
calibration is complete.
The recommended alternative to achieving the same SFDR
performance is to set the VCO divider to 1 and enable VCO
direct mode. This allows the user to program the EEPROM
with the desired values and does not require further action after
the VCO calibration is complete.
Channel Dividers
A channel divider drives each group of three LVPECL outputs.
There are four channel dividers (0, 1, 2, and 3) driving 12 LVPECL
outputs (OUT0 to OUT11). Table 34 gives the register locations
used for setting the division and other functions of these dividers.
The division is set by the values of M and N. The divider can be
bypassed (equivalent to divide-by-1, divider circuit is powered
down) by setting the bypass bit. The duty-cycle correction can
be enabled or disabled according to the setting of the disable
divider DCC bits.
Table 34. Setting DX for the Output Dividers
Divider
Low Cycles
M
High Cycles
N
Bypass
Disable
Div DCC
0
0x190[7:4]
0x190[3:0]
0x191[7]
0x192[0]
1
0x193[7:4]
0x193[3:0]
0x194[7]
0x195[0]
2
0x196[7:4]
0x196[3:0]
0x197[7]
0x198[0]
3
0x199[7:4]
0x199[3:0]
0x19A[7]
0x19B[0]
Channel Frequency Division (0, 1, 2, and 3)
For each channel (where the channel number x is 0, 1, 2, or 3),
the frequency division, DX, is set by the values of M and N
(four bits each, representing Decimal 0 to Decimal 15), where
Number of Low Cycles = M + 1
Number of High Cycles = N + 1
The high and low cycles are cycles of the clock signal currently routed
to the input of the channel dividers (VCO divider out or CLK).
When a divider is bypassed, DX = 1.
Otherwise, DX = (N + 1) + (M + 1) = N + M + 2. This allows
each channel divider to divide by any integer from 1 to 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com