Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
AD9520-1
Rev. 0 | Page 77 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
192
[2]
Channel 0 power-down
Channel 0 powers down.
[2] = 0; normal operation (default).
[2] = 1; powered down. (OUT0/OUT0, OUT1/OUT1, and OUT2/OUT2 are put into safe power-
down mode by setting this bit.)
192
[1]
Channel 0 direct-to-output
Connects OUT0, OUT1, and OUT2 to Divider 0 or directly to VCO or CLK.
[1] = 0; OUT0, OUT1, and OUT2 are connected to Divider 0 (default).
[1] = 1;
If 0x1E1[1:0] = 10b, the VCO is routed directly to OUT0, OUT1, and OUT2.
If 0x1E1[1:0] = 00b, the CLK is routed directly to OUT0, OUT1, and OUT2.
If 0x1E1[1:0] = 01b, there is no effect.
192
[0]
Disable Divider 0 DCC
Duty-cycle correction function.
[0] = 0; enable duty-cycle correction (default).
[0] = 1; disable duty-cycle correction.
193
[7:4]
Divider 1 low cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
low. A value of 0x3 means the divider is low for four input clock cycles (default: 0x3).
193
[3:0]
Divider 1 high cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
high. A value of 0x3 means the divider is high for four input clock cycles (default: 0x3).
194
[7]
Divider 1 bypass
Bypasses and powers down the divider; routes input to divider output.
[7] = 0; use divider (default).
[7] = 1; bypass divider.
194
[6]
Divider 1 ignore SYNC
Ignore SYNC.
[6] = 0; obey chip-level SYNC signal (default).
[6] = 1; ignore chip-level SYNC signal.
194
[5]
Divider 1 force high
Forces divider output to high. This requires that ignore SYNC also be set.
[5] = 0; divider output forced to low (default).
[5] = 1; divider output forced to high.
194
[4]
Divider 1 start high
Selects clock output to start high or start low.
[4] = 0; start low (default).
[4] = 1; start high.
194
[3:0]
Divider 1 phase offset
Phase offset (default: 0x0).
195
[2]
Channel 1 power-down
Channel 1 powers down.
[2] = 0; normal operation (default).
[2] = 1; powered down. (OUT3/OUT3, OUT4/OUT4, and OUT5/OUT5 are put into safe power-
down mode by setting this bit.)
195
[1]
Channel 1 direct-to-output
Connects OUT3, OUT4, and OUT5 to Divider 1 or directly to VCO or CLK.
[1] = 0; OUT3, OUT4, and OUT5 are connected to Divider 1 (default).
[1] = 1;
If 0x1E1[1:0] = 10b, the VCO is routed directly to OUT3, OUT4, and OUT5.
If 0x1E1[1:0] = 00b, the CLK is routed directly to OUT3, OUT4, and OUT5.
If 0x1E1[1:0] = 01b, there is no effect.
195
[0]
Disable Divider 1 DCC
Duty-cycle correction function.
[0] = 0; enable duty-cycle correction (default).
[0] = 1; disable duty-cycle correction.
196
[7:4]
Divider 2 low cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
low. A value of 0x1 means the divider is low for two input clock cycles (default: 0x1).
196
[3:0]
Divider 2 high cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays
high. A value of 0x1 means the divider is high for two input clock cycles (default: 0x1).
197
[7]
Divider 2 bypass
Bypasses and powers down the divider; routes input to divider output.
[7] = 0; use divider (default).
[7] = 1; bypass divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com