Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
AD9520-1
Rev. 0 | Page 37 of 84
Prescaler
The prescaler of the AD9520 allows for two modes of operation:
a fixed divide (FD) mode of 1, 2, or 3, and a dual modulus
(DM) mode where the prescaler divides by P and (P + 1) {2 and
3, 4 and 5, 8 and 9, 16 and 17, or 32 and 33}. The prescaler
modes of operation are given in Table 53, 0x016[2:0]. Not all
modes are available at all frequencies (see Table 2).
When operating the AD9520 in dual modulus mode, P/(P + 1),
the equation used to relate the input reference frequency to the
VCO output frequency is
fVCO = (fREF/R) × (P × B + A) = fREF × N/R
However, when operating the prescaler in FD Mode 1,
FD Mode 2, or FD Mode 3, the A counter is not used (A = 0)
and the equation simplifies to
fVCO = (fREF/R) × (P × B) = fREF × N/R
When A = 0, the divide is a fixed divide of P = 2, 4, 8, 16, or 32.
By using combinations of DM and FD modes, the AD9520 can
achieve values of N all the way down to N = 1. Table 29 shows
how a 10 MHz reference input can be locked to any integer
multiple of N.
Note that the same value of N can be derived in different ways,
as illustrated by the case of N = 12. The user can choose a fixed
divide mode P = 2 with B = 6, use the dual modulus mode 2/3
with A = 0, B = 6, or use the dual modulus mode 4/5 with
A = 0, B = 3.
A and B Counters
The B counter must be ≥3 or bypassed, and unlike the R
counter, A = 0 is actually zero.
The maximum input frequency to the A/B counter is reflected
in the maximum prescaler output frequency (~300 MHz) specified
in Table 2. This is the prescaler input frequency (VCO or CLK)
divided by P. For example, dual modulus P = 8/9 mode is not
allowed if the VCO frequency is greater than 2400 MHz
because the frequency going to the A/B counter is too high.
When the AD9520 B counter is bypassed (B = 1), the A counter
should be set to zero, and the overall resulting divide is equal to
the prescalar setting, P. The possible divide ratios in this mode
are 1, 2, 3, 4, 8, 16, and 32. This mode is only useful when an
external VCO/VCXO is used because the frequency range of the
internal VCO requires an overall feedback divider greater than 32.
Although manual reset is not normally required, the A/B counters
have their own reset bit. Alternatively, the A and B counters can be
reset using the shared reset bit of the R, A, and B counters. Note
that these reset bits are not self-clearing.
R, A, and B Counters: SYNC Pin Reset
The R, A, and B counters can be reset simultaneously through the
SYNC pin. This function is controlled by 0x019[7:6] (see
).
The
Table 53
SYNC pin reset is disabled by default.
R and N Divider Delays
Both the R and N dividers feature a programmable delay cell.
These delays can be enabled to allow adjustment of the phase
relationship between the PLL reference clock and the VCO or
CLK. Each delay is controlled by three bits. The total delay
range is about 1 ns. See 0x019 in Table 2 and Table 53.
Table 29. How a 10 MHz Reference Input Can Be Locked to Any Integer Multiple of N
fREF (MHz)
R
P
A
B
N
fVCO (MHz)
Mode
Notes
10
1
1
X1
1
1
10
FD
P = 1, B = 1 (bypassed)
10
1
2
X1
1
2
20
FD
P = 2, B = 1 (bypassed)
10
1
1
X1
3
3
30
FD
P = 1, B = 3
10
1
1
X1
4
4
40
FD
P = 1, B = 4
10
1
1
X1
5
5
50
FD
P = 1, B = 5
10
1
2
X1
3
6
60
FD
P = 2, B = 3
10
1
2
0
3
6
60
DM
P and P + 1 = 2 and 3, A = 0, B = 3
10
1
2
1
3
7
70
DM
P and P + 1 = 2 and 3, A = 1, B = 3
10
1
2
2
3
8
80
DM
P and P + 1 = 2 and 3, A = 2, B = 3
10
1
2
1
4
9
90
DM
P and P + 1 = 2 and 3, A = 1, B = 4
10
1
2
X1
5
10
100
FD
P = 2, B = 5
10
1
2
0
5
10
100
DM
P and P + 1 = 2 and 3, A = 0, B = 5
10
1
2
1
5
11
110
DM
P and P + 1 = 2 and 3, A = 1, B = 5
10
1
2
X1
6
12
120
FD
P = 2, B = 6
10
1
2
0
6
12
120
DM
P and P + 1 = 2 and 3, A = 0, B = 6
10
1
4
0
3
12
120
DM
P and P + 1 = 4 and 5, A = 0, B = 3
10
1
4
1
3
13
130
DM
P and P + 1 = 4 and 5, A = 1, B = 3
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com