Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 82Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
AD9520-1
Rev. 0 | Page 79 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
19B
[1]
Channel 3 direct-to-output
Connects OUT9, OUT10, and OUT11 to Divider 3 or directly to VCO or CLK.
[1] = 0; OUT9, OUT10, and OUT11 are connected to Divider 3 (default).
[1] = 1;
If 0x1E1[1:0] = 10b, the VCO is routed directly to OUT9, OUT10, and OUT11.
If 0x1E1[1:0] = 00b, the CLK is routed directly to OUT9, OUT10, and OUT11.
If 0x1E1[1:0] = 01b, there is no effect.
19B
[0]
Disable Divider 3 DCC
Duty-cycle correction function.
[0] = 0; enable duty-cycle correction (default).
[0] = 1; disable duty-cycle correction.
Table 56. VCO Divider and CLK Input
Reg.
Addr
(Hex) Bit(s) Name
Description
1E0
[2:0]
VCO divider
[2]
[1]
[0]
Divide
0
0
0
2 (default)
0
0
1
3
0
1
0
4
0
1
1
5
1
0
0
6
1
0
1
Output static
1
1
0
1 (bypass)
1
1
1
Output static
1E1
[4]
Power-down clock input section
Powers down the clock input section (including CLK buffer, VCO divider, and CLK tree).
[4] = 0; normal operation (default).
[4] = 1; power down.
1E1
[3]
Power-down VCO clock interface Powers down the interface block between VCO and clock distribution.
[3] = 0; normal operation (default).
[3] = 1; power down.
1E1
[2]
Power-down VCO and CLK
Powers down both the CLK input and the VCO.
[2] = 0; normal operation (default).
[2] = 1; power down.
1E1
[1]
Select VCO or CLK
Selects either the VCO or the CLK as the input to VCO divider.
[1] = 0; select external CLK as input to VCO divider (default).
[1] = 1; select VCO as input to VCO divider; cannot bypass VCO divider when this is
selected. This bit must be set to use the PLL with the internal VCO.
1E1
[0]
Bypass VCO divider
Bypasses or uses the VCO divider.
[0] = 0; use VCO divider (default).
[0] = 1; bypass VCO divider; cannot select VCO as input when this is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com